Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129T Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 8Page - NXP Semiconductors PCF2129T Datasheet HTML 9Page - NXP Semiconductors PCF2129T Datasheet HTML 10Page - NXP Semiconductors PCF2129T Datasheet HTML 11Page - NXP Semiconductors PCF2129T Datasheet HTML 12Page - NXP Semiconductors PCF2129T Datasheet HTML 13Page - NXP Semiconductors PCF2129T Datasheet HTML 14Page - NXP Semiconductors PCF2129T Datasheet HTML 15Page - NXP Semiconductors PCF2129T Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
12 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.2.3 Register Control_3
8.3 Register CLKOUT_ctl
Table 10.
Control_3 - control and status register 3 (address 02h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
PWRMNG[2:0]
BTSE
BF
BLF
BIE
BLIE
Reset
value
0
000
0000
Table 11.
Control_3 - control and status register 3 (address 02h) bit description
Bit
Symbol
Value
Description
Reference
7 to 5
PWRMNG[2:0]
see
Table 19
control of the battery switch-over, battery low
detection, and extra power fail detection functions
Section 8.5
4
BTSE
0
no timestamp when battery switch-over occurs
Section 8.11.4
1
time-stamped when battery switch-over occurs
3
BF
0
no battery switch-over interrupt generated
Section 8.5.1
and
Section 8.11.4
1
flag set when battery switch-over occurs;
flag must be cleared to clear interrupt
2
BLF
0
battery status ok;
no battery low interrupt generated
Section 8.5.2
1
battery status low;
flag cannot be cleared by command
1
BIE
0
no interrupt generated from the battery flag (BF)
Section 8.12.6
1
interrupt generated when BF is set
0
BLIE
0
no interrupt generated from battery low flag (BLF)
Section 8.12.7
1
interrupt generated when BLF is set
Table 12.
CLKOUT_ctl - CLKOUT control register (address 0Fh) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
TCR[1:0]
OTPR
-
-
COF[2:0]
Reset
value
0
0
X
-
-
000
Table 13.
CLKOUT_ctl - CLKOUT control register (address 0Fh) bit description
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Description
7 to 6
TCR[1:0]
see Table 14
temperature measurement period
5
OTPR
0
no OTP refresh
1
OTP refresh performed
4 to 3
-
-
unused
2 to 0
COF[2:0]
see Table 15
CLKOUT frequency selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com