Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129T Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 21Page - NXP Semiconductors PCF2129T Datasheet HTML 22Page - NXP Semiconductors PCF2129T Datasheet HTML 23Page - NXP Semiconductors PCF2129T Datasheet HTML 24Page - NXP Semiconductors PCF2129T Datasheet HTML 25Page - NXP Semiconductors PCF2129T Datasheet HTML 26Page - NXP Semiconductors PCF2129T Datasheet HTML 27Page - NXP Semiconductors PCF2129T Datasheet HTML 28Page - NXP Semiconductors PCF2129T Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
25 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
Once the override mode is entered, the device is immediately released from the reset
state and the set-up operation can commence.
The PORO mode is cleared by writing logic 0 to POR_OVRD. POR_OVRD must be
logic 1 before a re-entry into the override mode is possible. Setting POR_OVRD logic 0
during normal operation has no effect except to prevent accidental entry into the PORO
mode.
8.8 Time and date function
Most of these registers are coded in the Binary Coded Decimal (BCD) format.
8.8.1 Register Seconds
Fig 14. Power-On Reset Override (PORO) sequence, valid for both I2C-bus and SPI-bus
Table 21.
Seconds - seconds and clock integrity register (address 03h) bit allocation
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
OSF
SECONDS (0 to 59)
Reset
value
1
XX
XXX
XX
Table 22.
Seconds - seconds and clock integrity register (address 03h) bit description
Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Symbol
Value
Place value Description
7
OSF
0
-
clock integrity is guaranteed
1
-
clock integrity is not guaranteed:
oscillator has stopped and chip reset has occurred
since flag was last cleared
6 to 4
SECONDS
0 to 5
ten’s place
actual seconds coded in BCD format
3to0
0 to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com