Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129T Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 19Page - NXP Semiconductors PCF2129T Datasheet HTML 20Page - NXP Semiconductors PCF2129T Datasheet HTML 21Page - NXP Semiconductors PCF2129T Datasheet HTML 22Page - NXP Semiconductors PCF2129T Datasheet HTML 23Page - NXP Semiconductors PCF2129T Datasheet HTML 24Page - NXP Semiconductors PCF2129T Datasheet HTML 25Page - NXP Semiconductors PCF2129T Datasheet HTML 26Page - NXP Semiconductors PCF2129T Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
23 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.7 Reset function
The PCF2129 has a Power-On Reset (POR) and a Power-On Reset Override (PORO)
function implemented.
8.7.1 Power-On Reset (POR)
The POR is active whenever the oscillator is stopped. The oscillator is considered to be
stopped during the time between power-on and stable crystal resonance (see Figure 12).
This time may be in the range of 200 ms to 2 s depending on temperature and supply
voltage. Whenever an internal reset occurs, the oscillator stop flag is set (OSF set
logic 1).
The OTP refresh (see Section 8.3.2 on page 13) should ideally be executed as the first
instruction after start-up and also after a reset due to an oscillator stop.
(1) Theoretical state of the signals since there is no power.
(2) The oscillator stop flag (OSF), set logic 1, indicates that the oscillation has stopped and a reset has
occurred since the flag was last cleared (OSF set logic 0). In this case, the integrity of the clock
information is not guaranteed. The OSF flag is cleared by command.
Fig 11. Power failure event due to battery discharge: reset occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com