Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129T Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2129T Datasheet HTML 1Page - NXP Semiconductors PCF2129T Datasheet HTML 2Page - NXP Semiconductors PCF2129T Datasheet HTML 3Page - NXP Semiconductors PCF2129T Datasheet HTML 4Page - NXP Semiconductors PCF2129T Datasheet HTML 5Page - NXP Semiconductors PCF2129T Datasheet HTML 6Page - NXP Semiconductors PCF2129T Datasheet HTML 7Page - NXP Semiconductors PCF2129T Datasheet HTML 8Page - NXP Semiconductors PCF2129T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
5 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
After lead forming and cutting, there remain stubs from the package assembly process.
These stubs are present at the edge of the package as illustrated in Figure 4. The stubs
are at an electrical potential. To avoid malfunction of the PCF2129, it has to be ensured
that they are not shorted with another electrical potential (e.g. by condensation).
7.2 Pin description
Table 4.
Pin description of PCF2129
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Description
PCF2129AT
PCF2129T
SCL
1
1
combined serial clock input for both I2C-bus and SPI-bus
SDI
2
2
serial data input for SPI-bus
connect to pin VSS if I2C-bus is selected
SDO
3
3
serial data output for SPI-bus, push-pull
SDA/CE
4
4
combined serial data input and output for the I2C-bus and
chip enable input (active LOW) for the SPI-bus
IFS
5
5
interface selector input
connect to pin VSS to select the SPI-bus
connect to pin BBS to select the I2C-bus
TS
6
6
timestamp input (active LOW) with 200 k
 internal pull-up
resistor (RPU)
CLKOUT
7
7
clock output (open-drain)
VSS
8
8
ground supply voltage
n.c.
9 to 16
9 to 12
not connected; do not connect; do not use as feed through
INT
17
13
interrupt output (open-drain; active LOW)
BBS
18
14
output voltage (battery backed)
VBAT
19
15
battery supply voltage (backup)
connect to VSS if battery switch over is not used
VDD
20
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com