Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 56 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 52Page - STMicroelectronics RM0016 Datasheet HTML 53Page - STMicroelectronics RM0016 Datasheet HTML 54Page - STMicroelectronics RM0016 Datasheet HTML 55Page - STMicroelectronics RM0016 Datasheet HTML 56Page - STMicroelectronics RM0016 Datasheet HTML 57Page - STMicroelectronics RM0016 Datasheet HTML 58Page - STMicroelectronics RM0016 Datasheet HTML 59Page - STMicroelectronics RM0016 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 467 page
background image
Flash program memory and data EEPROM
RM0016
56/467
DocID14587 Rev 14
4.8.9
Flash register map and reset values
For details on the Flash register boundary addresses, refer to the general hardware register
map in the datasheets.
Bit 2 EOP: End of programming (write or erase operation) flag
This bit is set by hardware. It is cleared by software by reading the register, or when a new
write/erase operation starts.
0: No EOP event occurred
1: An EOP operation occurred. An interrupt is generated if the IE bit is set in the
FLASH_CR1 register.
Bit 1 PUL: Flash Program memory unlocked flag
This bit is set by hardware and cleared by software by programming it to 0.
0: Write protection of main Program area enabled
1: Write protection of main Program area has been disabled by writing the correct MASS
keys.
Bit 0 WR_PG_DIS: Write attempted to protected page flag
This bit is set by hardware and cleared by software by reading the register.
0: No WR_PG_DIS event occurred
1: A write attempt to a write protected page occurred. An interrupt is generated if the IE bit
is set in the FLASH_CR1 register.
Table 7. Flash register map and reset values
Address Register name
7654
3
2
1
0
0x00
FLASH_CR1
Reset value
-
0
-
0
-
0
-
0
HALT
0
AHALT
0
IE
0
FIX
0
0x01
FLASH_CR2
Reset value
OPT
0
WPRG
0
ERASE
0
FPRG
0
-
0
-
0
-
0
PRG
0
0x02
FLASH_NCR2
Reset value
NOPT
1
NWPRG
1
NERAS
E
1
NFPRG
1
-
1
-
1
-
1
NPRG
1
0x03
FLASH_FPR
Reset value
-
0
-
0
WPB5
0
WPB4
0
WPB3
0
WPB2
0
WPB1
0
WPB0
0
0x04
FLASH_NFPR
Reset value
-
1
-
1
NWPB5
1
NWPB4
1
NWPB3
1
NWPB2
1
NWPB1
1
NWPB0
1
0x05
FLASH_IAPSR
Reset value
-
0
HVOFF
1
-
0
-
0
DUL
0
EOP
0
PUL
0
WR_PG_
DIS
0
0x06-
0x07
Reserved
0x08
FLASH_PUKR
Reset value
PUK7
0
PUK6
0
PUK5
0
PUK4
0
PUK3
0
PUK2
0
PUK1
0
PUK0
0
0x09
Reserved
0x0A
FLASH_DUKR
Reset value
DUK7
0
DUNP6
0
DUK5
0
DUK4
0
DUK3
0
DUK2
0
DUK1
0
DUK0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com