Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 80 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 76Page - STMicroelectronics RM0016 Datasheet HTML 77Page - STMicroelectronics RM0016 Datasheet HTML 78Page - STMicroelectronics RM0016 Datasheet HTML 79Page - STMicroelectronics RM0016 Datasheet HTML 80Page - STMicroelectronics RM0016 Datasheet HTML 81Page - STMicroelectronics RM0016 Datasheet HTML 82Page - STMicroelectronics RM0016 Datasheet HTML 83Page - STMicroelectronics RM0016 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 467 page
background image
Clock control (CLK)
RM0016
80/467
DocID14587 Rev 14
9.1
Master clock sources
4 different clock sources can be used to drive the master clock:
•
1-24 MHz high speed external crystal oscillator (HSE)
•
Up to 24 MHz high speed user-external clock (HSE user-ext)
•
16 MHz high speed internal RC oscillator (HSI)
•
128 kHz low speed internal RC (LSI)
Each clock source can be switched on or off independently when it is not used, to optimize
power consumption.
9.1.1
HSE (high-speed external) clock signal
The high speed external clock signal (HSE) can be generated from two possible clock
sources:
•
HSE external crystal/ceramic resonator
•
HSE user external clock
Figure 21. HSE clock sources
The resonator and the load capacitors have to be placed as close as possible to the
oscillator pins in order to minimize output distortion and start-up stabilization time. The
loading capacitance values must be adjusted according to the selected oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com