Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 40 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 36Page - STMicroelectronics RM0016 Datasheet HTML 37Page - STMicroelectronics RM0016 Datasheet HTML 38Page - STMicroelectronics RM0016 Datasheet HTML 39Page - STMicroelectronics RM0016 Datasheet HTML 40Page - STMicroelectronics RM0016 Datasheet HTML 41Page - STMicroelectronics RM0016 Datasheet HTML 42Page - STMicroelectronics RM0016 Datasheet HTML 43Page - STMicroelectronics RM0016 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 467 page
background image
Flash program memory and data EEPROM
RM0016
40/467
DocID14587 Rev 14
Figure 8. Flash memory and data EEPROM organization high density STM8S and
STM8AF
4.4.2
Memory access/ wait state configuration
The Flash/ data EEPROM access time allows the device to run at up to 16 MHz without wait
states.
When using the high-speed external clock (HSE) at higher frequencies up to 24 MHz, one
wait state is necessary. In this case the device option byte should be programmed to insert
this wait state. Refer to the datasheet option byte section.
4.4.3
User boot area (UBC)
The user boot area (UBC) contains the reset and the interrupt vectors. It can be used to
store the IAP and communication routines. The UBC area has a second level of protection
to prevent unintentional erasing or modification during IAP programming. This means that it
is always write protected and the write protection cannot be unlocked using the MASS keys.
ai15501b
USER BOOT CODE (UBC)
(permanently write protected)
0x00 8000
MAIN PROGRAM
(write access possible for IAP
and using MASS mechanism)
0x02 7FFF
Programmable size
from 2 pages (1 Kbytes)
up to 64 or 128 Kbytes
(1 page steps)
DATA MEMORY
(up to 2 Kbytes)
32 to 128 Kbytes of
Flash Program
Memory
Flash program
memory
Interrupt vectors (128 bytes)
OPTION BYTES (1 block)
0x00 487F
0x00 4000
DATA EEPROM
1 page = 512 bytes
1 block = 128 bytes
0x00 47FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com