Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 82 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 78Page - STMicroelectronics RM0016 Datasheet HTML 79Page - STMicroelectronics RM0016 Datasheet HTML 80Page - STMicroelectronics RM0016 Datasheet HTML 81Page - STMicroelectronics RM0016 Datasheet HTML 82Page - STMicroelectronics RM0016 Datasheet HTML 83Page - STMicroelectronics RM0016 Datasheet HTML 84Page - STMicroelectronics RM0016 Datasheet HTML 85Page - STMicroelectronics RM0016 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 467 page
background image
Clock control (CLK)
RM0016
82/467
DocID14587 Rev 14
Fast wakeup feature
If the FHWU bit in the Internal clock register (CLK_ICKR) is set, this automatically selects
the HSI clock as master clock after MCU wakeup from Halt or Active-halt (see Low power
chapter).
Calibration
Each device is factory calibrated by ST.
After reset, the factory calibration value is automatically loaded in an internal calibration
register.
If the application is subject to voltage or temperature variations this may affect the RC
oscillator speed. You can trim the HSI frequency in the application using the HSI clock
calibration trimming register (CLK_HSITRIMR). In this register there are 3 or 4 bits providing
an additional trimming value that is added to the internal HSI calibration register value.
The width of the trimming steps with 4 bits is half the trimming step width with 3 bits.
As the trimming step width depends on the absolute frequency of the RC oscillator, a
successive approximation method needs to be applied for the trimming. This method is
described in a separate technical document.
9.1.3
LSI
The 128 kHz LSI RC acts as a low power, low cost alternative master clock source as well
as a low power clock source that can be kept running in Halt mode for the independent
watchdog (IWDG) and auto-wakeup unit (AWU).
Table 14. Devices with 4 trimming bits
Trimming bits value
Trimming steps
Trimming bits value
Trimming steps
0111b
+7
1111b
-1
0110b
+6
1110b
-2
0101b
+5
1101b
-3
0100b
+4
1100b
-4
0011b
+3
1011b
-5
0010b
+2
1010b
-6
0001b
+1
1001b
-7
0000b
0
1000b
-8
Table 15. Devices with 3 trimming bits
Trimming bits value
Trimming steps
Trimming bits value
Trimming steps
011b
+3
111b
-1
010b
+2
110b
-2
001b
+1
101b
-3
000b
0
100b
-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com