Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 67 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 63Page - STMicroelectronics RM0016 Datasheet HTML 64Page - STMicroelectronics RM0016 Datasheet HTML 65Page - STMicroelectronics RM0016 Datasheet HTML 66Page - STMicroelectronics RM0016 Datasheet HTML 67Page - STMicroelectronics RM0016 Datasheet HTML 68Page - STMicroelectronics RM0016 Datasheet HTML 69Page - STMicroelectronics RM0016 Datasheet HTML 70Page - STMicroelectronics RM0016 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 467 page
background image
DocID14587 Rev 14
67/467
RM0016
Interrupt controller (ITC)
72
6.8
Interrupt mapping
Refer to the corresponding device datasheet for the table of interrupt vector addresses.
JRNM
Jump if I1:0<>11
I1:0<>11 ?
-
-
-
-
-
-
POP CC
Pop CCR from the stack
Memory => CCR
I1
H
I0
N
Z
C
PUSH CC
Push CC on the stack
CC =>Memory
-
-
-
-
-
-
RIM
Enable interrupt (level 0 set)
Load 10 in I1:0 of CCR
1
-
0
-
-
-
SIM
Disable interrupt (level 3 set)
Load 11 in I1:0 of CCR
1
-
1
-
-
-
TRAP
Software trap
Software NMI
1
-
1
-
-
-
WFI
Wait for interrupt
-
1
-
0
-
-
-
Table 11. Dedicated interrupt instruction set (continued)
Instruction
New description
Function/example
I1
H
I0
N
Z
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com