Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 39 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 35Page - STMicroelectronics RM0016 Datasheet HTML 36Page - STMicroelectronics RM0016 Datasheet HTML 37Page - STMicroelectronics RM0016 Datasheet HTML 38Page - STMicroelectronics RM0016 Datasheet HTML 39Page - STMicroelectronics RM0016 Datasheet HTML 40Page - STMicroelectronics RM0016 Datasheet HTML 41Page - STMicroelectronics RM0016 Datasheet HTML 42Page - STMicroelectronics RM0016 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 467 page
background image
DocID14587 Rev 14
39/467
RM0016
Flash program memory and data EEPROM
56
Figure 7. Flash memory and data EEPROM organization on medium density STM8S
and STM8AF
1. The memory mapping is given for the STM8AF devices featuring 32 Kbytes of Flash program memory and
1 Kbytes of SRAM.
ai15502
USER BOOT CODE (UBC)
(permanently write protected)
00 8000h
MAIN PROGRAM
(write access possible for IAP
and using MASS mechanism)
00 FFFFh
Programmable size
from 2 pages (1 Kbyte)
up to 32 Kbytes
(1 page steps)
DATA MEMORY
(up to 1 Kbyte)
Flash program
memory
Interrupt vectors (128 bytes)
OPTION BYTES (1 block)
00 487Fh
00 4000h
DATA EEPROM
1 page = 512 bytes
1 block = 128 bytes
00 43FFh
00 4800h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com