Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 30 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 26Page - STMicroelectronics RM0016 Datasheet HTML 27Page - STMicroelectronics RM0016 Datasheet HTML 28Page - STMicroelectronics RM0016 Datasheet HTML 29Page - STMicroelectronics RM0016 Datasheet HTML 30Page - STMicroelectronics RM0016 Datasheet HTML 31Page - STMicroelectronics RM0016 Datasheet HTML 32Page - STMicroelectronics RM0016 Datasheet HTML 33Page - STMicroelectronics RM0016 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 467 page
background image
Memory and register map
RM0016
30/467
DocID14587 Rev 14
3
Memory and register map
For details on the memory map, I/O port hardware register map and CPU/SWIM/debug
module/interrupt controller registers, refer to the product datasheets.
3.1
Memory layout
3.1.1
Memory map
Figure 3. Memory map
The RAM upper limit, data EEPROM upper and lower limit, Option Byte upper limit,
hardware (HW) registers upper limit, and the program memory upper limit are specific to the
device configuration. Please refer to the datasheets for quantitative information.
00 000h
RAM upper limit
Data EEPROM lower limit
Data EEPROM upper limit
00 4800h
00 5000h
00 6000h
00 6800h
00 7F00h
00 8000h
00 8080h
RAM
Stack
Reserved
Data EEPROM
Reserved
Option bytes
Reserved
HW registers
Reserved
Boot ROM (optional)
Reserved
Registers for CPU, SWIM, ITC, DM
Interrupt vectors
Program EEPROM
Program memory upper limit
Option bytes upper limit
HW registers upper limit
ai18468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com