Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 73 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 69Page - STMicroelectronics RM0016 Datasheet HTML 70Page - STMicroelectronics RM0016 Datasheet HTML 71Page - STMicroelectronics RM0016 Datasheet HTML 72Page - STMicroelectronics RM0016 Datasheet HTML 73Page - STMicroelectronics RM0016 Datasheet HTML 74Page - STMicroelectronics RM0016 Datasheet HTML 75Page - STMicroelectronics RM0016 Datasheet HTML 76Page - STMicroelectronics RM0016 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 467 page
background image
DocID14587 Rev 14
73/467
RM0016
Power supply
104
7
Power supply
The MCU has four distinct power supplies:
•
VDD/VSS: Main power supply (3 V to 5.5 V)
•
VDDIO/VSSIO: I/O power supply (3 V to 5.5 V)
•
VDDA/VSSA: Power supply for the analog functions
•
VREF+/VREF-: Reference supply for Analog Digital Converter
The VDD/VSS pins are used to supply the internal Main Voltage Regulator (MVR) and the
internal Low Power Voltage Regulator (LPVR). The 2 regulator outputs are connected and
provide the 1.8 V supply (V18) to the MCU core (CPU, Flash and RAM)
In low power modes the system automatically switches from the MVR to the LPVR in order
to reduce current consumption.
To stabilize the MVR, a capacitor must be connected to the VCAP pin (for more details refer
to the datasheet electrical characteristics section).
Depending on the package size, there are one or two pairs of dedicated pins for
VDDIO/VSSIO to supply power to the I/Os.
VDDA/VSSA and VREF+/VREF- are connected to the Analog to Digital Converter (ADC).
Figure 17. Power supply overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com