Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 139 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 135Page - STMicroelectronics RM0016 Datasheet HTML 136Page - STMicroelectronics RM0016 Datasheet HTML 137Page - STMicroelectronics RM0016 Datasheet HTML 138Page - STMicroelectronics RM0016 Datasheet HTML 139Page - STMicroelectronics RM0016 Datasheet HTML 140Page - STMicroelectronics RM0016 Datasheet HTML 141Page - STMicroelectronics RM0016 Datasheet HTML 142Page - STMicroelectronics RM0016 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 467 page
background image
DocID14587 Rev 14
139/467
RM0016
16-bit advanced control timer (TIM1)
261
17.2
TIM1 main features
TIM1 features include:
•
16-bit up, down, up/down counter auto-reload counter
•
Repetition counter to update the timer registers only after a given number of cycles of
the counter.
•
16-bit programmable prescaler allowing the counter clock frequency to be divided “on
the fly” by any factor between 1 and 65536.
•
Synchronization circuit to control the timer with external signals and to interconnect
several timers (timer interconnection not implemented in some devices).
•
4 independent channels that can alternately be configured as:
–
Input capture
–
Output compare
–
PWM generation (edge and center-aligned mode)
–
6-step PWM generation
–
One-pulse mode output
–
Complementary outputs on three channels with programmable deadtime insertion.
•
Break input to put the timer output signals in reset state or in a known state.
•
External trigger input pin (ETR)
•
Interrupt generation on the following events:
–
Update: Counter overflow/underflow, counter initialization (by software or
internal/external trigger)
–
Trigger event (counter start, stop, initialization or count by internal/external trigger)
–
Input capture
–
Output compare
–
Break input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com