Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 222 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 218Page - STMicroelectronics RM0016 Datasheet HTML 219Page - STMicroelectronics RM0016 Datasheet HTML 220Page - STMicroelectronics RM0016 Datasheet HTML 221Page - STMicroelectronics RM0016 Datasheet HTML 222Page - STMicroelectronics RM0016 Datasheet HTML 223Page - STMicroelectronics RM0016 Datasheet HTML 224Page - STMicroelectronics RM0016 Datasheet HTML 225Page - STMicroelectronics RM0016 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 467 page
background image
16-bit general purpose timers (TIM2, TIM3, TIM5)
RM0016
222/467
DocID14587 Rev 14
18
16-bit general purpose timers (TIM2, TIM3, TIM5)
18.1
TIM2, TIM3 and TIM5 introduction
This chapter describes TIM2, TIM3 and TIM5 which are identical timers, with the exception
that TIM2 has three channels and TIM3 has two channels. TIM5 is also described below. It
is identical to TIM2 except that it has two additional registers to support timer
synchronization and chaining.
Each timer consists of a 16-bit up-counting auto-reload counter driven by a programmable
prescaler.
It may be used for a variety of purposes, including:
•
Time base generation
•
Measuring the pulse lengths of input signals (input capture)
•
Generating output waveforms (output compare, PWM and One-pulse mode)
•
Interrupt capability on various events (capture, compare, overflow)
•
Synchronization with other timers or external signals (external clock, reset, trigger and
enable) (in devices with TIM5).
The timer clock can be sourced from internal clocks.
Only the main features of the general purpose timers are given in this chapter.
Refer to the corresponding paragraphs of Section 17: 16-bit advanced control timer (TIM1)
on page 138 for more details on each feature.
18.2
TIM2/TIM3 main features
TIM2/TIM3 features include:
•
16-bit up counting auto-reload counter.
•
4-bit programmable prescaler allowing the counter clock frequency to be divided “on
the fly” by any power of 2 from 1 to 32768.
•
3 independent channels for:
–
Input capture
–
Output compare
–
PWM generation (edge-aligned mode)
•
Interrupt request generation on the following events:
–
Update: counter overflow, counter initialization (by software)
–
Input capture
–
Output compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com