Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 287 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 287 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 283Page - STMicroelectronics RM0016 Datasheet HTML 284Page - STMicroelectronics RM0016 Datasheet HTML 285Page - STMicroelectronics RM0016 Datasheet HTML 286Page - STMicroelectronics RM0016 Datasheet HTML 287Page - STMicroelectronics RM0016 Datasheet HTML 288Page - STMicroelectronics RM0016 Datasheet HTML 289Page - STMicroelectronics RM0016 Datasheet HTML 290Page - STMicroelectronics RM0016 Datasheet HTML 291Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 467 page
background image
DocID14587 Rev 14
287/467
RM0016
Serial peripheral interface (SPI)
287
20.4.8
SPI Tx CRC register (SPI_TXCRCR)
Address offset: 0x07Reset value: 0x00
20.5
SPI register map and reset values
7
654
3210
TxCRC[7:0]
r
Bits 7:0 TxCRC[7:0]: Tx CRC register
When CRC calculation is enabled, the TxCRC[7:0] bits contain the computed CRC value of the
subsequently transmitted bytes. This register is reset when the CRCEN bit of SPI_CR2 is written to 1.
The CRC is calculated serially using the polynomial programmed in the SPI_CRCPR register.
Note: A read to this register when the BSY flag is set could return a incorrect value
Table 47. SPI register map and reset values
Address
offset
Register
name
76
54
32
10
0x00
SPI_CR1
Reset value
LSB FIRST
0
SPE
0
BR2
0
BR1
0
BR0
0
MSTR
0
CPOL
0
CPHA
0
0x01
SPI_CR2
Reset value
BDM
0
BDOE
0
CRCEN
0
CRCNEXT
0
-
0
RXONLY
0
SSM
0
SSI
0
0x03
SPI_SR
Reset value
BSY
0
OVR
0
MODF
0
CRCERR
0
WKUP
0
-
0
TXE
1
RXNE
0
0x04
SPI_DR
Reset value
DR[7:0]
0
0x05
SPI_CRCPR
reset value
MSB
0
-
0
-
0
-
0
-
0
-
1
-
1
LSB
1
0x06
SPI_RXCRCR
reset value
MSB
0
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
0x07
SPI_TXCRCR
reset value
MSB
0
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com