Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 401 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 401 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 397Page - STMicroelectronics RM0016 Datasheet HTML 398Page - STMicroelectronics RM0016 Datasheet HTML 399Page - STMicroelectronics RM0016 Datasheet HTML 400Page - STMicroelectronics RM0016 Datasheet HTML 401Page - STMicroelectronics RM0016 Datasheet HTML 402Page - STMicroelectronics RM0016 Datasheet HTML 403Page - STMicroelectronics RM0016 Datasheet HTML 404Page - STMicroelectronics RM0016 Datasheet HTML 405Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 467 page
background image
DocID14587 Rev 14
401/467
RM0016
Controller area network (beCAN)
427
23.11
beCAN registers
23.11.1
CAN master control register (CAN_MCR)
Address offset: 0x00
Reset value: 0x02
7
654
3210
TTCM
ABOM
AWUM
NART
RFLM
TXFP
SLEEP
INRQ
rw
rw
rw
rw
rw
rw
rw
rw
Bit 7 TTCM Time Triggered Communication Mode
0: Time Triggered Communication mode disabled.
1: Time Triggered Communication mode enabled
Note: For more information on Time Triggered Communication mode, please refer to Section 23.4.4:
Time triggered communication mode.
Bit 6 ABOM Automatic Bus-Off Management
This bit controls the behavior of the CAN hardware on leaving the Bus-Off state.
0: The Bus-Off state is exited on software request.
Refer to Section 23.6.5: Error management, Bus-Off recovery.
1: The Bus-Off state is exited automatically by hardware once 128 x 11 recessive bits have been
monitored.
Note: For detailed information on the Bus-Off state please refer to Section 23.6.5: Error
management.
Bit 5 AWUM Automatic wakeup Mode
This bit controls the behavior of the CAN hardware when a message is received in Sleep mode.
0: The sleep mode is exited on software request by clearing the SLEEP bit in the CAN_MCR
register.
1: The sleep mode is exited automatically by hardware when a CAN message is detected. In this
case, the SLEEP bit of the CAN_MCR register and the SLAK bit of the CAN_MSR register are
cleared by hardware, while the WKUI bit of the CAN_MSR register is set. If the CAN bus is active
when the Sleep automatic wakeup request occurs,it does not enter Sleep mode.
The AWUM and the SLEEP bits must be set simultaneously.
Bit 4 NART No Automatic Retransmission
0: The CAN hardware will automatically retransmit the message until it has been successfully
transmitted according to the CAN standard.
1: A message will be transmitted only once, independently of the transmission result (successful,
error or arbitration lost).
Bit 3 RFLM Receive FIFO Locked Mode
0: Receive FIFO not locked on overrun. Once a receive FIFO is full the next incoming message will
overwrite the previous one.
1: Receive FIFO locked against overrun. Once a receive FIFO is full the next incoming message will
be discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com