Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 411 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 411 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 407Page - STMicroelectronics RM0016 Datasheet HTML 408Page - STMicroelectronics RM0016 Datasheet HTML 409Page - STMicroelectronics RM0016 Datasheet HTML 410Page - STMicroelectronics RM0016 Datasheet HTML 411Page - STMicroelectronics RM0016 Datasheet HTML 412Page - STMicroelectronics RM0016 Datasheet HTML 413Page - STMicroelectronics RM0016 Datasheet HTML 414Page - STMicroelectronics RM0016 Datasheet HTML 415Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 467 page
background image
DocID14587 Rev 14
411/467
RM0016
Controller area network (beCAN)
427
23.11.12 CAN receive error counter register (CAN_RECR)
Address offset: See Table 71.
Reset value: 0000 0000 (00h)
23.11.13 CAN bit timing register 1 (CAN_BTR1)
Address offset: See Table 71.
Reset value: 0100 0000 (40h)
This register can only be accessed by the software when the CAN hardware is in
initialization mode.
7
654
3210
REC[7:0]
r
rrr
rrrr
Bits 7:0 REC[7:0] Receive error counter
This is the Receive Error Counter implementing part of the fault confinement mechanism of the CAN
protocol. In case of an error during reception, this counter is incremented by 1 or by 8 depending on
the error condition as defined by the CAN standard. After every successful reception the counter is
decremented by 1 or reset to 120 if its value was higher than 128. When the counter value exceeds
127, the CAN controller enters the error passive state.
7
654
3210
SJW[1:0]
BRP[5:0]
rw
rw
rw
rw
rw
rw
rw
rw
Bits 7:6 SJW[1:0] Resynchronization jump width
These bits define the maximum number of time quanta the CAN hardware is allowed to lengthen or
shorten a bit to perform the resynchronization. Resynchronization Jump Width = (SJW+1).
Bits 5:0 BRP[5:0] Baud rate prescaler
These bits define the length of a time quantum.
tq = (BRP+1)/fMASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com