Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 416 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 416 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 412Page - STMicroelectronics RM0016 Datasheet HTML 413Page - STMicroelectronics RM0016 Datasheet HTML 414Page - STMicroelectronics RM0016 Datasheet HTML 415Page - STMicroelectronics RM0016 Datasheet HTML 416Page - STMicroelectronics RM0016 Datasheet HTML 417Page - STMicroelectronics RM0016 Datasheet HTML 418Page - STMicroelectronics RM0016 Datasheet HTML 419Page - STMicroelectronics RM0016 Datasheet HTML 420Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 467 page
background image
Controller area network (beCAN)
RM0016
416/467
DocID14587 Rev 14
CAN mailbox identifier register 3 (CAN_MIDR3)
Address offset: See Table 66. and Table 67.
Reset value: 0xXX
CAN mailbox identifier register 4 (CAN_MIDR4)
Address offset: See Table 66. and Table 67.
Reset value: 0xXX
CAN mailbox data length control register (CAN_MDLCR)
Address offset: See Table 66. and Table 67.
Reset value: 0xXX
7
654
3210
EXID[15:8]
rw
rw
rw
rw
rw
rw
rw
rw
Bits 7:0 EXID[15:8] Extended identifier
Bit 15 to 8 of the “Extended” part of the extended identifier.
7
654
3210
EXID[7:0]
rw
rw
rw
rw
rw
rw
rw
rw
Bits 7:0 EXID[7:0] Extended identifier
8 least significant bits of the “Extended” part of the extended identifier.
7
654
3210
TGT
Reserved
DLC[3:0]
rw
r
rw
rw
rw
rw
Bit 7 TGT Transmit global time
This bit should be used only when the hardware is in the Time Trigger Communication mode, TTCM
bit in the CAN_MCR register is set. It must be cleared by user in Normal mode to transfer last two
data bytes correctly
0: CAN_MTSRH and CAN_MTSRL registers are not sent.
1: CAN_MTSRH and CAN_MTSRL registers are sent in the last two data bytes of the message.
Bits 6:4 Reserved.
Bits 3:0 DLC[3:0] Data length code
This field defines the number of data bytes in a data frame or a remote frame request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com