Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 3Page - STMicroelectronics ST8500TR Datasheet HTML 4Page - STMicroelectronics ST8500TR Datasheet HTML 5Page - STMicroelectronics ST8500TR Datasheet HTML 6Page - STMicroelectronics ST8500TR Datasheet HTML 7Page - STMicroelectronics ST8500TR Datasheet HTML 8Page - STMicroelectronics ST8500TR Datasheet HTML 9Page - STMicroelectronics ST8500TR Datasheet HTML 10Page - STMicroelectronics ST8500TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DocID031029 Rev 3
7/37
ST8500
Device architecture
37
2.1.1
Digital front-end (DFE)
Transmission and reception filter chains
The DFE includes programmable transmission/reception digital filter chains to fit the signal
bandwidth in different PLC modulation cases. The ADC and DAC clock frequencies are
controlled by the DFE to get the right sample rate fitting the filter chain configuration.
Automatic gain control (AGC)
The DFE implements the automatic gain control (AGC) block for the PGA, whose purpose is
to adapt the signal to the ADC dynamic range.
2.1.2
Analog front-end (AFE)
Reception chain
The ST8500 AFE features a programmable gain amplifier (PGA) and a dedicated analog-to-
digital converter (ADC) to achieve high RX sensitivity and a wide input range.
Transmission chain
The transmitted signal, generated in the digital domain, is fed into a dedicated digital-to-
analog converter (DAC).
The DAC output is then fed into a pre-driver for buffering and applying an additional gain.
Zero crossing comparator
The mains line zero crossing can be detected by providing a mains synchronous bipolar
(AC) signal at the input of this comparator.
The zero crossing comparator provides positive and negative event information
(rising/falling edge or high/low level).
Zero crossing information can also trigger an event for the GPT0 timer in order to capture
the zero crossing timestamp for the application purpose.
Line driver thermal sense
The AFE also includes the thermal sense (TS) block to detect the temperature of the line
driver.
Line driver current sense
The AFE also includes the current sense (CS) block to detect the output current of the line
driver.
2.1.3
Real-time engine (RTE)
To effectively and flexibly target the performance required by different PLC standards, the
ST8500 embeds a dedicated high performance fully programmable real-time engine (RTE).
It is able to address specific real-time PLC functionalities such as modulation and
demodulation according to different modulation schemes, advanced correction coding
algorithms (Viterbi, Convolutional, Reed-Solomon, etc.) and several other time-constrained
communication services.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com