Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 5Page - STMicroelectronics ST8500TR Datasheet HTML 6Page - STMicroelectronics ST8500TR Datasheet HTML 7Page - STMicroelectronics ST8500TR Datasheet HTML 8Page - STMicroelectronics ST8500TR Datasheet HTML 9Page - STMicroelectronics ST8500TR Datasheet HTML 10Page - STMicroelectronics ST8500TR Datasheet HTML 11Page - STMicroelectronics ST8500TR Datasheet HTML 12Page - STMicroelectronics ST8500TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID031029 Rev 3
9/37
ST8500
Device architecture
37
2.2.3
Debug with serial wire JTAG debug port (SWJ-DP)
The ARM SWJ-DP interface is embedded, and is a combined JTAG and serial wire debug
port that enables either a serial wire debug or a JTAG probe to be connected to the target.
2.2.4
Floating point unit (FPU)
The FPU fully supports single precision add, subtract, multiply, divide, multiply and
accumulate, and square root operations. It also provides conversions between the fixed
point and floating point data formats, and floating point constant instructions.
The FPU provides floating point operations that are compliant with the NSI/IEEE Std 754-
2008 A, IEEE Standard for Binary Floating-point Arithmetic©, referred to as the IEEE 754
Standard.
The FPU contains 32 single precision extension registers, which can also be accessible as
16 double word registers for load, store, and move operations.
2.2.5
Nested vectored interrupt controller (NVIC)
The ST8500 embeds a NVIC closely integrated with the ARM Cortex™-M4F core. The
NVIC is able to handle 32 maskable interrupts. The software priority level is configurable in
the range of 0 - 31 for each interrupt. A higher level corresponds to a lower priority, so the
level 0 is the highest interrupt priority. In case two or more interrupt lines share the same
software priority level, the hardware priority level is used. Interrupt descriptions and
hardware priorities are shown in Table 3.
Table 3. Interrupt definition and position
Position
Hardware priority
Acronym
Description
Offset from VTOR
-
-3
Reset
Reset
0x00000004
-
-2
NMI
Non maskable interrupt - system error
0x00000008
-
-1
HardFault
All class of fault
0x0000000C
-
0
MemManage
MPU mismatch
0x00000010
-
1
BusFault
Prefetch fault, memory access fault
0x00000014
-
2
UsageFault
Undefined instruction or illegal state
0x00000018
-
-
-
Not present
0x0000001C
-
-
-
Not present
0x00000020
-
-
-
Not present
0x00000024
-
-
-
Not present
0x00000028
-
3
SVCall
System service call via SWI instruction
0x0000002C
-
4
Debug Monitor
Debug monitor
0x00000030
-
-
-
Not present
0x00000034
-
5
PendSV
Pendable request for system service
0x00000038
-
6
Systick
System tick timer
0x0000003C
0
7
lpmode_entry_irq
CRM low power mode enter interrupt
0x00000040
1
8
lpmode_exit_irq
CRM low power mode exit interrupt
0x00000044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com