Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 24Page - STMicroelectronics ST8500TR Datasheet HTML 25Page - STMicroelectronics ST8500TR Datasheet HTML 26Page - STMicroelectronics ST8500TR Datasheet HTML 27Page - STMicroelectronics ST8500TR Datasheet HTML 28Page - STMicroelectronics ST8500TR Datasheet HTML 29Page - STMicroelectronics ST8500TR Datasheet HTML 30Page - STMicroelectronics ST8500TR Datasheet HTML 31Page - STMicroelectronics ST8500TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Electrical characteristics
ST8500
28/37
DocID031029 Rev 3
Table 13. Digital supply characteristics - Cortex™-M4
Symbol
Parameter
Conditions(1)
Min. Typ. Max. Unit
I(DVDD_1V1)
1.1 V digital supply current
Cortex™ frequency = 50 MHz
-
20
-
mA
I(DVDD_1V1)
1.1 V digital supply current
Cortex™ frequency = 100 MHz
-
32
-
mA
I(DVDD_1V1)
1.1 V digital supply current
Cortex™ frequency = 200 MHz
-
38
-
mA
1. The tests are performed with the following enabled blocks: 1 x GPT, 1 x SPI, 1 x USART, IPC, AES, TRNG, ROSC.
Table 14. Digital supply characteristics - low power modes
Symbol
Parameter
Conditions(1)
Min.
Typ. Max. Unit
I(DVDD_1V1) 1.1 V digital supply current
Cortex™ in SLOW, clock fed by 25 MHz
XOSC
-9-
mA
I(DVDD_1V1) 1.1 V digital supply current
Cortex™ in DOZE or LOW-POWER,
clock fed by ROSC
-7.5
-
mA
I(DVDD_1V1) 1.1 V digital supply current
Cortex™ in LOW-POWER mode, clock
fed by ROSC, AFE disabled
-7.5
-
mA
I(DVDD_1V1) 1.1 V digital supply current
Cortex™ in LOW-POWER mode, clock
fed by ROSC, external clock sources
disabled
-7.5
-
mA
I(DVDD_1V1) 1.1 V digital supply current
Cortex™ in LOW-POWER mode, clock
fed by ROSC, all digital blocks disabled
but Cortex™
-7.5
-
mA
1. The tests are performed with the following enabled blocks: 1 x GPT, 1 x SPI, 1 x USART, IPC, AES, TRNG, ROSC.
Table 15. Supply characteristics - oscillator and clock
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
I(DVDD_2V5_MCLK)
FS current consumption from
2.5 V power supply
Master clock - 25 MHz
-
1.8
2.5
mA
I(DVDD_1V1)
FS current consumption from
1.1 V power supply
Master clock - 25 MHz
-
3.5
5
mA
I(DVDD_2V5_MCLK)
XOSC current consumption
from 2.5 V power supply
Master clock - 25 MHz
-
0.5
1
mA
I(DVDD_1V1)
ROSC current consumption
from 1V1 power supply
Master clock - 25 MHz
-
0.15
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com