Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 29Page - STMicroelectronics ST8500TR Datasheet HTML 30Page - STMicroelectronics ST8500TR Datasheet HTML 31Page - STMicroelectronics ST8500TR Datasheet HTML 32Page - STMicroelectronics ST8500TR Datasheet HTML 33Page - STMicroelectronics ST8500TR Datasheet HTML 34Page - STMicroelectronics ST8500TR Datasheet HTML 35Page - STMicroelectronics ST8500TR Datasheet HTML 36Page - STMicroelectronics ST8500TR Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
DocID031029 Rev 3
35/37
ST8500
Package information
37
Table 26. QFN56 (7 x 7 x 1 mm) package mechanical data
Symbol
Dimension (millimeters)
Min.
Typ.
Max.
A
0.80
0.85
0.90
A1
0
-
0.05
A2
-
0.65
-
A3
-
0.20
-
b
0.16
0.21
0.26
D
-
7.00
-
D2
4.50
4.60
4.70
e
-
0.40
-
E
-
7.00
-
E2
4.50
4.60
4.70
L
0.35
0.40
0.45
k0.70
-
-
N-
56
-
Table 27. QFN56 (7 x 7 x 1 mm) package tolerance of form and position
Symbol
Millimeters
aaa
0.10
bbb
0.07
ccc
0.10
ddd
0.05
eee
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com