Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 28Page - STMicroelectronics ST8500TR Datasheet HTML 29Page - STMicroelectronics ST8500TR Datasheet HTML 30Page - STMicroelectronics ST8500TR Datasheet HTML 31Page - STMicroelectronics ST8500TR Datasheet HTML 32Page - STMicroelectronics ST8500TR Datasheet HTML 33Page - STMicroelectronics ST8500TR Datasheet HTML 34Page - STMicroelectronics ST8500TR Datasheet HTML 35Page - STMicroelectronics ST8500TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Electrical characteristics
ST8500
32/37
DocID031029 Rev 3
5.4.3
Zero crossing comparator characteristics
5.5
Other characteristics
Table 22. Zero crossing characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(ZC_IN)MAX
Zero crossing
Detection input
Voltage range
-
-3.3
-
AVDD_3V3_AFE
V
V(ZC_IN)TL
Zero crossing
Detection input
Low threshold
--
-6
-mV
V(ZC_IN)TH
Zero crossing
Detection input
High threshold
--
+6
-mV
ZC_INd.c.
Zero crossing
Input duty cycle
--
50
-
%
Table 23. I/O characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
I(I/O)
Output current sunk by
any I/Os and control pin
--
-
8
mA
Output current sourced
by any I/Os and control
pin
--
-
8
mA
R_PU
Pull-up resistor
No load
38
50
68
k
R_PD
Pull-down resistor
No load
38
50
68
k
VIH
High level input voltage
-
DVDD_3V3_IO * 0.7
-
-
V
VIL
Low level input voltage
-
-
-
DVDD_3V3_IO * 0.3
V
VOH
High level output voltage 8 mA sourced current
2.8
-
-
V
VOL
Low level output voltage 8 mA sunk current
-
-
0.4
V
Table 24. 25 MHz oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
f(MCLK) Crystal oscillator frequency
-
-
25
-
MHz
C0
External quartz crystal shunt capacitance
-
-
-
2.6
pF
ESR
External quartz crystal ESR value
See(1)
--
20
CL
MCLK_IN, MCLK_OUT load capacitance
See(1)
-18
-
pF
1. Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com