Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 9Page - STMicroelectronics ST8500TR Datasheet HTML 10Page - STMicroelectronics ST8500TR Datasheet HTML 11Page - STMicroelectronics ST8500TR Datasheet HTML 12Page - STMicroelectronics ST8500TR Datasheet HTML 13Page - STMicroelectronics ST8500TR Datasheet HTML 14Page - STMicroelectronics ST8500TR Datasheet HTML 15Page - STMicroelectronics ST8500TR Datasheet HTML 16Page - STMicroelectronics ST8500TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
DocID031029 Rev 3
13/37
ST8500
Device architecture
37
2.2.15
Pseudo random number generator (PRNG)
The ST8500 embeds a PRNG processor that provides a pseudo random 32-bit value. Initial
seed can be configured by software.
2.2.16
CRC (cyclic redundancy check) calculation unit
The cyclic redundancy check (CRC) is a widely used method for detecting errors. The CRC
calculation unit is used to get a CRC code in a flexible way using a configurable polynomial.
The output data size can be selected between 8, 16, 24 or 32 bits.
The input data size can be configured between 1, 8, 16, 24 or 32 bits with selectable bit and
byte endianness.
The CRC unit allows the specification of the initial value (all zero, all one, or a generic value)
and the possibility to select an automatic XOR with all one when reading the data output.
2.3
Inter-processor communication (IPC)
The Cortex™-M4 core and the real-time engine (RTE) communicate by means of an
additional 8-kByte shared static RAM. This memory can be accessed by the two cores
through an interprocessor communication block that guarantees coherent and consistent
read and modify operations, to provide several functionalities to the system, among the
others:
Configuration of real-time engine modes and functionalities during the normal working
operations
Data and information exchange between the Cortex™-M4 and real-time engine in both
directions.
2.4
Cortex™ memories
2.4.1
Embedded SRAM (instruction and data)
The ST8500 device embeds 256 kByte of the SRAM for a fast code execution. This SRAM
can be used also to store data with penalties in the concurrent instruction and data access.
The data SRAM start address is 0x00050000, the end address is 0x0008FFFF.
2.4.2
Embedded SRAM (data only)
The ST8500 device embeds 96 kBytes of the SRAM for data management. The
Cortex™-M4 can perform byte, half word (16 bits) or full word (32 bits) access to the SRAM
at maximum speed, with zero wait states for both read and write operations. The data
SRAM start address is 0x00090000, the end address is 0x000A7FFF.
2.4.3
Embedded ROM
The ST8500 device embeds a ROM memory used to store the bootloader program written
during the device production phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com