Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 27Page - STMicroelectronics ST8500TR Datasheet HTML 28Page - STMicroelectronics ST8500TR Datasheet HTML 29Page - STMicroelectronics ST8500TR Datasheet HTML 30Page - STMicroelectronics ST8500TR Datasheet HTML 31Page - STMicroelectronics ST8500TR Datasheet HTML 32Page - STMicroelectronics ST8500TR Datasheet HTML 33Page - STMicroelectronics ST8500TR Datasheet HTML 34Page - STMicroelectronics ST8500TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DocID031029 Rev 3
31/37
ST8500
Electrical characteristics
37
5.4.2
Reception path characteristics
Table 19. Receiver input referred noise
Symbol
Parameter(1)
Conditions
Min.
Typ.
Max.
Unit
V(RX_INP - RX_INN)
Receiver input
referred noise
CENELEC-A (35 kHz to 95 kHz)
-
17
-
dBµV
CENELEC -B (95 kHz to 125 kHz)
-
14
-
dBµV
CENELEC -C (125 kHz to 140 kHz)
-
11
-
dBµV
CENELEC -D (140 kHz to 148 kHz)
-
8
-
dBµV
ARIB STD-T84 (35 kHz to 400 kHz)
-
24
-
dBµV
FCC-LOW (35 kHz to 125 kHz)
-
19
-
dBµV
G3-FCC (150 kHz to 490 kHz)
-
24
-
dBµV
1. Guaranteed by design, not tested in production.
Table 20. PGA characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
V(RX_INP), V(RX_INN) Receiver input maximum voltage
Single-ended
mode
-
7.5
-
V p-p
V(RX_INP -RX_INN)
Receiver input maximum voltage Differential mode
-
15
-
V p-p
V(RX_INP), V(RX_INN) Receiver input bias voltage
-
-
(AVDD_2V5
AFE) * 0.475
-V
Z(RX_INP), Z(RX_INN) Receiver input impedance
Single-ended
-
5
-
k
GPGA
PLC PGA minimum gain
-
-
-18
-
dB
PLC PGA maximum gain
-
-
54
-
dB
GPGA Step
PLC PGA gain step
-
-
3
-
dB
Table 21. ADC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
ADC input range
-
Differential mode
-
1.8
-
V p-p
Resolution
-
-
-
11
-
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com