Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8500TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 4Page - STMicroelectronics ST8500TR Datasheet HTML 5Page - STMicroelectronics ST8500TR Datasheet HTML 6Page - STMicroelectronics ST8500TR Datasheet HTML 7Page - STMicroelectronics ST8500TR Datasheet HTML 8Page - STMicroelectronics ST8500TR Datasheet HTML 9Page - STMicroelectronics ST8500TR Datasheet HTML 10Page - STMicroelectronics ST8500TR Datasheet HTML 11Page - STMicroelectronics ST8500TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Device architecture
ST8500
8/37
DocID031029 Rev 3
2.2
Protocol core subsystem
2.2.1
ARM® Cortex™-M4F core
The Cortex™-M4F processor is built on a high-performance processor core, with a 3-stage
pipeline Harvard architecture, making it ideal for demanding embedded applications. The
processor delivers exceptional power efficiency through an efficient instruction set and
extensively optimized design, providing high end processing the hardware including
IEEE754-compliant single precision (32-bit) floating point computation, a range of a single
cycle and SIMD multiplication and multiply with accumulate capabilities, saturating
arithmetic and dedicated hardware division.
To facilitate the design of cost-sensitive devices, the Cortex™-M4F processor implements
tightly coupled system components that reduce the processor area while significantly
improving interrupt handling and system debug capabilities. The Cortex™-M4F processor
implements a version of the Thumb® instruction set based on the Thumb®-2 technology,
ensuring high code density and reduced program memory requirements. The Cortex™-M4F
instruction set provides the exceptional performance expected by a modern 32-bit
architecture, with the high code density of 8-bit and 16-bit microcontrollers.
The Cortex™-M4F processor provides multiple interfaces using the AMBA™ technology to
provide high-speed, low latency memory accesses. It supports unaligned data accesses
and implements atomic bit manipulation that enables faster peripheral controls, system
spinlocks and thread-safe Boolean data handling.
2.2.2
Multi-AHB bus matrix
The 32-bit multi-AHB bus matrix interconnects all the masters (Cortex™-M4F and RTE) and
the slaves (RAM, AHB and APB peripherals and real-time engine) and ensures a seamless
and efficient operation even when several high-speed peripherals work simultaneously.
Table 2. Cortex™-M4F core configuration
Component
Presence
Comment
MPU_PRESENT
No
Memory protection unit (MPU) is not present
NUM_IRQ
N/A
Number of interrupts: 32
LVL_WIDTH
N/A
Interrupt priority width: 3
DEBUG_LVL
N/A
Minimum debug. 2 breakpoints, 1 watchpoint, no Flash patch
JTAG
Yes
JTAG-DP is included. The SW-DP is always included.
ITM
Yes
Instrumentation Trace Macrocell
™
DWT
Yes
Data watchpoint and trace
WIC
No
Wake-up interrupt controller (WIC) is not present
BB
No
Bit banding region is not present
FPU
Yes
Floating point unit present (single precision)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com