Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD02-FU Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  VPN12AD02-FU Datasheet HTML 1Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 2Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Rev. P05
4
VPN12AD02-FU
ELECTRICAL SPECIFICATIONS:
CAUTION: Do not operate at or near absolute maximum rating listed for extended periods of time. This stress may
adversely impact product reliability and result in failures not covered by warranty.
NOTES:
1.
Rth(jchoke-a) is measured with the component mounted on an effective thermal conductivity test board on 0 LFM
condition. The test board size is 80mm×80mm×1.6mm with 4 layers 2oz per layer. The test condition is
complied with JEDEC EIJ/JESD 51 Standards.
Parameter
Description
Min.
Typ.
Max.
Unit
Absolute Maximum Ratings
VIN, IN1, IN2, FBH, FBL
-0.3
-
60
V
IVCC
-0.3
-
6
V
IN1-IN2, FBH-FBL
-0.5
-
0.5
V
SW1, SW2
-1
-
60
V
GND
-0.3
-
0.3
V
EN/INUVLO
-0.3
-
60
V
PWMI, SSP, VFB, INOVLO,
EF1, EF2, SET
-0.3
-
5.5
V
COMP, SS, FREQ
-0.3
-
3.6
V
Tc
Case Temperature of Inductor
-40
-
+135
°C
Tj
Junction Temperature, Main IC
-40
-
+150
°C
Tstg
Storage Temperature
-40
-
+135
°C
Ta
Ambient Tamperture
-40
-
+105
°C
Recommendation Operating Ratings for Constant Current Application
VIN
Device Extended Supply Voltage Range
+5.5
-
+36
V
POWER
Output Power Range
0
-
40
W
VOUT
Adjuested Output Voltage
+3
-
+40
V
Ta
Ambient Tamperture
-40
-
+105
°C
Recommendation Operating Ratings for Constant Voltage Application
VIN
Device Extended Supply Voltage Range
+8
-
+36
V
POWER
Output Power Range
0
-
48
W
VOUT
Adjuested Output Voltage
-
+12
-
V
Ta
Ambient Tamperture
-40
-
+105
°C
Thermal Information
Rth(jchoke-a)
Thermal resistance from junction to
ambient.
-
21
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com