Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD02-FU Datasheet(PDF) 14 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 14 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 11Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 12Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 13Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 14Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 15Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 16Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 17Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 18Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Rev. P05
14
VPN12AD02-FU
Output Protection:
The VFB pin measures the VOUT to detect the protection of short to ground, open load and
output overvoltage. The Fault pins of EF1 and EF2 diagnostic truth table are as following.
FIG.31 VFB Protection Pin
Fault Condition
EF1
EF2
Gate Driver
IVCC
No Fault occur
H
H
Switching
Active
Output over voltage
H
L
L
Active
Output short circuit
L
H
L
Active
Over temperature
L
L
L
Shutdown
FIG.32 Diagnostic Truth Table
Overvoltage Protection:
The pin VFB rise over the threshold voltage VVFB_OVTH overvoltage protection via VFB. A
voltage divider between VOUT, VFB pin is used to adjust the overvoltage protection threshold as
following equation. 1.5kΩ is suggested for RVFBL.
RVFBH + RVFBL
VOUT_OVP = VVFB_OVTH
RVFBL
. (
)
Short Circuit Protection:
The VFB pin falls below the VVFB_S2G short circuit threshold is ignored until the soft start finishes.
A voltage divider between VOUT, VFB pin is used to adjust the application short circuit
thresholds as following equation. 1.5kΩ is suggested for RVFBL.
VLED_SHORT = VVFB_S2G
RVFBH + RVFBL
RVFBL
(
)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com