Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD02-FU Datasheet(PDF) 7 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 7 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 11Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Rev. P05
7
VPN12AD02-FU
TYPICAL PERFORMANCE CHARACTERISTICS: Constant Current Mode
Conditions: TA = 25 ºC, unless otherwise specified. Test Board Information: 75mm×58mm, 2 layers 2oz.
VIN = 12V, Cin =10uF/50V/1210/X7R x 2, Cout = 10uF/50V/1210/X7R x 2.
FIG.3 EFFICIENCY V.S. VOUT
(VIN=12V, IOUT=2A. The Efficiency includes the
output current sense resistor)
FIG.4 EFFICIENCY V.S. VOUT
(VIN=12V, IOUT=1A. The Efficiency includes the
output current sense resistor)
FIG.5 DE-RATING CURVE
(VIN=12V, VOUT=24V)
FIG.6 DE-RATING CURVE
(VIN=12V, VOUT=40V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com