Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD02-FU Datasheet(PDF) 11 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 11 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 11Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 12Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 13Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 14Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 15Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Rev. P05
11
VPN12AD02-FU
APPLICATIONS INFORMATION:
Reference Circuit for General Application:
VOUT
VPN12AD02-FU
VIN
PGND
Soft_Start
FREQ
INUVLO/EN
INOVLO
VFB
FBL
FBH
IIN1
IIN2
IVCC
EF1
EF2
PWMI
SET
Digital Dimming
Analog Dimming
To IVCC
SSP
Comp
VIN
VOUT
RCS
150mΩ
R1 30kΩ
R2 10kΩ
R6
100kΩ
R5
100kΩ
CSOFT_START
22nF
RFREQ
30kΩ
CIVCC
10uF
Ccomp
22nF
RVFBH
45.3kΩ
RVFBL
1.5kΩ
RIN
Option
CIN
10uF x 2
+ 0.1uF
COUT
10uF x 2
+ 0.1uF
FIG.25 Constant Current Mode, ILED=1A, Fsw=350kHz Application Circuit.
VOUT
VPN12AD02-FU
VIN
PGND
Soft_Start
FREQ
INUVLO/EN
INOVLO
VFB
FBL
FBH
IIN1
IIN2
IVCC
EF1
EF2
PWMI
SET
To IVCC
SSP
Comp
VIN
VOUT
RVFBH
14kΩ
R1 30kΩ
R2 10kΩ
Ccomp
2.2nF
CSOFT_START
22nF
CIVCC
10uF
RFREQ
30kΩ
R6
100kΩ
R5
100kΩ
RFB2
12.4kΩ
RFB1
150Ω
COUT
22uF x 2
+ 0.1uF
CIN
10uF x 2
+ 0.1uF
RIN
Option
COUTEP
270uF
RComp
1kΩ
RVFBL
1.5kΩ
RFF
5.6kΩ
CFF
4.7nF
CINEP
82uF
FIG.26 Constant Voltage Mode, VOUT=12V, Fsw=350kHz Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com