Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD02-FU Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  VPN12AD02-FU Datasheet HTML 1Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 2Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Rev. P05
1
VPN12AD02-FU
POL MODULE
Buck-Boost, High Efficiency
POL Module
FEATURES:
High Density Fully Integration Module
Constant Current Mode: IOUT Maximum 2A
Output Voltage Range: 3V to 40V
Maximum Output Power: 40W
Input Voltage Range from 5.5V to 36V
Constant Voltage Mode: IOUT Maximum 4A
Output Voltage Range: 12V
Maximum Output Power: 48W
Input Voltage Range from 8V to 36V
Output LED OVP, Open, Short Protection
Analog and PWM dimming
LED and Input Current Dedicated Sense
Switching Frequency 350kHz
Spread Spectrum Frequency Modulation
Adjustable Soft Start
Automotive AEC Qualified
Compact Size: 15mm x 15mm x 8.2mm
Wettable Flank Package
Pb-free for RoHS compliant
MSL 3, 260C Reflow
APPLICATIONS:
Automotive LED Headlanp Lighting
General purpose Constant Current LED
driver.
VOUT 12V Buck-Boost application
GENERAL DESCRIPTION:
The VPN12AD02-FU is non-isolated dc-dc
converters. The PWM switching regulator, high
frequency
power
inductor,
and
most
of
components are integrated in one hybrid
package.
The VPN12AD02-FU is a synchronous MOSFET
DC/DC Module with built in protection features.
This concept is beneficial for driving high power
LEDs with maximum system efficiency. The
VPN12AD02-FU offers both analog and digital
(PWM) dimming. A built in spread spectrum
switching frequency modulation and the forced
continuous current regulation mode improve the
overall EMC behavior. The adjustable soft start
feature limits the current peak as well as voltage
overshoot at start-up. The VPN12AD02-FU is
suitable for using in the harsh automotive
environment.
The low profile and compact size package
(15mm × 15mm x 8.2mm) is suitable for
automated assembly by standard surface mount
equipment. VPN12AD02-FU is Pb-free and RoHS
compliance.
TYPICAL APPLICATION CIRCUIT & PACKAGE SIZE:
VOUT
VPN12AD02-FU
VIN
PGND
Soft_Start
FREQ
INUVLO/EN
INOVLO
VFB
FBL
FBH
IIN1
IIN2
IVCC
EF1
EF2
PWMI
SET
Digital Dimming
Analog Dimming
To IVCC
SSP
Comp
VIN
VOUT
FIGURE.1 TYPICAL APPLICATION CIRCUIT
FIGURE.2 HIGH DENSITY uPOL MODULE
8.2mm Max
15mm
15mm


Similar Part No. - VPN12AD02-FU

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
High Efficiency DC/DC Power Module
More results

Similar Description - VPN12AD02-FU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
logo
Intersil Corporation
ISL9110IRT7Z-T7A INTERSIL-ISL9110IRT7Z-T7A Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators
July 13, 2012
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
1.2A High Efficiency Buck-Boost Regulator
June 8, 2012
ISL9110IRTNZ-T INTERSIL-ISL9110IRTNZ-T Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators
July 13, 2012
logo
Linear Technology
LTM4605 LINER-LTM4605_15 Datasheet
312Kb / 26P
High Efficiency Buck-Boost DC/DC Module Regulator
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607EV LINER-LTM4607EV Datasheet
489Kb / 12P
High Efficiency PolyPhase Buck-Boost Power Supply
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
1.2A High Efficiency Buck-Boost Regulators
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
1.2A High Efficiency Buck-Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com