Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD02-FU Datasheet(PDF) 16 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 16 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 12Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 13Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 14Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 15Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 16Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 17Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 18Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 19Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 20Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Rev. P05
16
VPN12AD02-FU
ILED = VSET - 200mV
8 RFB
.
If VSET is 200 mV (typ.) the LED current is only determined by the internal offset voltages of the
comparators. To assure the switching activity is stopped and IOUT = 0, VSET has to be < 100 mV.
FIG.34 Analog Dimming
Soft Start Setting:
The soft start ramp is defined by a capacitor placed at the Soft_Start pin. Selection of the
capacitor can be done according to the following approximate formula. Vss_th_eff is the soft
start effectiveness threshold that depends on load condition. Its value is about 0.7 V for the
buck mode and 1.4 V for the boost mode
Vss_th_eff
TSOFT_START = CSOFT_START
26uA
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com