Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD02-FU Datasheet(PDF) 12 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 12 Page - Cyntec Co., Ltd.

Back Button VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 11Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 12Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 13Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 14Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 15Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 16Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Rev. P05
12
VPN12AD02-FU
Switching Frequency Setup:
The switching frequency can be set from 200 kHz to 400 kHz by an external resistor connected
from the FREQ pin to GND. Select the switching frequency according to the following
approximate formulas.
46023
FSW[kHz]
(
)
1.25
RFREQ[kΩ] =
.
FIG.27 Switching Frequency vs Frequency Select Resistor.
LED Constant Current Setting in Constant Current Mode
VFBH-FBL typical value is 150mV. Set the LED current with an external resistor according to the
following approximate formulas.
ILED = VFBH-FBL
RCS
VOUT
RCS
GND
FBL
FBH
ILED
FIG.28 Current Setting in Constant Current Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com