Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPN12AD02-FU Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  VPN12AD02-FU Datasheet HTML 1Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 2Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Rev. P05
3
VPN12AD02-FU
PIN CONFIGURATION:
Symbol
#
Type
Description
GND
1~3, 29, 30,
52~60, 62~64,
66~69
PWR
Power ground
SW2
4~12
PWR
The boost side switching node
VOUT
13~16, 65
PWR
Power output pin.
FB
17
Analog I
Output over voltage protection function.
FBH
18
Analog I
Output current Feedback Positive
FBL
19
Analog I
Output current Feedback Negative
SET
20
Analog I
Analog dimming input pin
PWMI
21
Digital I
Digital dimming input pin
EF2
22
Digital O
An open drain output for Fault information
EF1
23
Digital O
An open drain output for Fault information
COMP
24
Analog O
Connect R and C network to pin as Compensator
FREQ
25
Analog O
Connect an external resistor to GND to set frequency.
SS
26
Analog O
Connect a capacitor to GND to set soft start ramp.
IN2
27
Analog I
Inverting Input (-), connect to VIN if input current
monitor is not needed.
IN1
28
Analog I
Non Inverting Input (+), connect to VIN if input current
monitor is not needed.
SSP
31
Digital I
High active for the spread Spectrum function.
EN
32
Analog I
Enable function with under voltage threshold capability
via external components.
INOVLO
33
Analog I
Connect to GND directly
SW1
34~42
PWR
The buck side switching node
IVCC
43
Analog O
Used for internal biasing and gate driver supply. Bypass
with external capacitor 16V/10uF/X7R close to the pin.
VIN
44~51, 61
PWR
Power input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com