Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 16Page - Texas Instruments DS280DF810ABVT Datasheet HTML 17Page - Texas Instruments DS280DF810ABVT Datasheet HTML 18Page - Texas Instruments DS280DF810ABVT Datasheet HTML 19Page - Texas Instruments DS280DF810ABVT Datasheet HTML 20Page - Texas Instruments DS280DF810ABVT Datasheet HTML 21Page - Texas Instruments DS280DF810ABVT Datasheet HTML 22Page - Texas Instruments DS280DF810ABVT Datasheet HTML 23Page - Texas Instruments DS280DF810ABVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
20
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.6 Decision Feedback Equalizer (DFE)
A 5-tap DFE can be enabled within the data path of each channel to assist with reducing the effects of cross talk,
reflections, or post cursor inter-symbol interference (ISI). The DFE must be manually enabled, regardless of the
selected adapt mode. Once the DFE has been enabled it can be configured to adapt only during lock acquisition
or to adapt continuously. The DFE can also be manually configured to specified tap polarities and tap weights.
However, when the DFE is configured manually the DFE auto-adaption should be disabled. For many
applications with lower insertion loss (i.e. < 30 dB) lower crosstalk, or lower reflections, part or all of the DFE can
be disabled to reduce power consumption. The DFE can either be fully enabled (taps 1-5), partially enabled (taps
1-2 only), or fully disabled (no taps).
The DFE taps are all feedback taps with 1 UI spacing. Each tap has a specified boost weight range and polarity
bit.
Table 1. DFE Tap Weights
DFE PARAMETER
DECIMAL (REGISTER VALUE)
VALUE (mV) (TYP)
Tap 1 Weight Range
0 - 31
0 – 217
Tap 2-5 Weight Range
0 - 15
0 – 105
Tap Weight Step Size
NA
7
Polarity
0: (+) positive; feedback value creates a low-pass filter response, thus providing attenuation to
correct for negative-sign post-cursor ISI
1: (-) negative; Feedback value creates a high-pass filter response, thus providing boost to correct
for positive-sign post-cursor ISI.
8.3.1.7 Clock and Data Recovery (CDR)
The CDR consists of a Phase Locked Loop (PLL), PPM counter, and Input and Output Data Multiplexers (mux)
allowing for retimed data, un-retimed data, PRBS generator and output muted modes.
By default, the equalized data is fed into the CDR for clock and data recovery. The recovered data is then output
to the FIR filter and differential driver together with the recovered clock which has been cleaned of any high-
frequency jitter outside the bandwidth of the CDR clock recovery loop. The bandwidth of the CDR defaults to 5.5
MHz (typical) in full-rate (divide-by-1) mode and 5.3 MHz (typical) in sub-rate mode. The CDR bandwidth is
adjustable. Refer to the DS280DF810 Programming Guide for more information on adjusting the CDR bandwidth.
Users can configure the CDR data to route the recovered clock and data to the PRBS checker. Users also have
the option of configuring the output of the CDR to send raw non-retimed data, or data from the pattern generator.
The CDR requires the following in order to be properly configured:
•
25 MHz calibration clock to run the PPM counter (CAL_CLK_IN).
•
Expected data rates must be programmed into the CDR either through the rate table or entered manually with
the corrected divider settings. Refer to the Programming Guide for more information on configuring the CDR
for different data rates.
8.3.1.8 Calibration Clock
The calibration clock is not part of the CDR’s PLL and thus is not used for clock and data recovery. The
calibration clock is connected only to the PPM counter for each CDR. The PPM counter constrains the allowable
lock ranges of the CDR according to the programmed values in the rate table or the manually entered data rates.
The host should provide an input calibration clock signal of 25 MHz frequency. Because this clock is not used for
clock and data recovery, there are no stringent jitter requirements placed on this 25 MHz calibration clock.
8.3.1.9 Differential Driver with FIR Filter
The DS280DF810 output driver has a three-tap finite impulse response (FIR) filter which allows for pre- and post-
cursor equalization to compensate for a wide variety of output channel media. The filter consists of a weighted
sum of three consecutive retimed bits as shown in the following diagram. C[0] can take on values in the range [-
31, +31]. C[-1] and C[+1] can take on values in the range [-15, 15].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com