Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 9Page - Texas Instruments DS280DF810ABVT Datasheet HTML 10Page - Texas Instruments DS280DF810ABVT Datasheet HTML 11Page - Texas Instruments DS280DF810ABVT Datasheet HTML 12Page - Texas Instruments DS280DF810ABVT Datasheet HTML 13Page - Texas Instruments DS280DF810ABVT Datasheet HTML 14Page - Texas Instruments DS280DF810ABVT Datasheet HTML 15Page - Texas Instruments DS280DF810ABVT Datasheet HTML 16Page - Texas Instruments DS280DF810ABVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
13
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Timing Requirements, Retimer Jitter Specifications (continued)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
JTOL
Input jitter tolerance
Measured at 28.4 Gbps with SJ
frequency > 10 MHz, 29 dB input
channel loss, PRBS31 data pattern,
800 mVppd launch amplitude, and
0.078 UIpp total uncorrelated output
jitter in addition to the applied SJ.
BER < 1E-12.
0.32
UIpp
JTOL
Input jitter tolerance
Measured at 25.78125 Gbps with
SJ frequency = 190 KHz, 30 dB
input channel loss, PRBS31 data
pattern, 800 mVppd launch
amplitude, and 0.078 UIpp total
uncorrelated output jitter in addition
to the applied SJ. BER < 1E-12.
9
UIpp
JTOL
Input jitter tolerance
Measured at 25.78125 Gbps with
SJ frequency = 940 KHz, 30 dB
input channel loss, PRBS31 data
pattern, 800 mVppd launch
amplitude, and 0.078 UIpp total
uncorrelated output jitter in addition
to the applied SJ. BER < 1E-12.
1
UIpp
JTOL
Input jitter tolerance
Measured at 25.78125 Gbps with
SJ frequency > 10 MHz, 32 dB input
channel loss, PRBS31 data pattern,
800 mVppd launch amplitude, and
0.078 UIpp total uncorrelated output
jitter in addition to the applied SJ.
BER < 1E-12.
0.38
UIpp
TEMPLOCK-
CDR stay-in-lock ambient
temperature range, negative ramp.
Maximum temperature change
below initial CDR lock acquisition
temperature.
85 °C starting ambient temperature,
ramp rate -3 °C/minute, 1.7
liters/sec airflow, 12 layer PCB.
115
°C
TEMPLOCK+
CDR stay-in-lock ambient
temperature range, positive ramp.
Maximum temperature change
above initial CDR lock acquisition
temperature.
-40 °C starting ambient
temperature, ramp rate +3
°C/minute, 1.7 liters/sec airflow, 12
layer PCB.
125
°C
7.7 Timing Requirements, Retimer Specifications
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tD
Input-to-output latency (propagation
delay) through a channel
No cross-point; CDR enabled and
locked.
3.5UI +
125ps
ps
tD
Input-to-output latency (propagation
delay) through a channel
Cross-point enabled; CDR enabled
and locked.
3.5UI +
145ps
ps
tD
Input-to-output latency (propagation
delay) through a channel
No cross-point; CDR in raw mode.
25.78125 Gbps data rate.
< 145
ps
tSK
Channel-to-channel inter-pair skew
Latency difference between
channels at full-rate. 25.78125 Gbps
data rate
< 30
ps
tlock
CDR lock acquisition time
Measured at 25.78125 Gbps, Adapt
Mode = 1 (Reg_0x31[6:5]=0x1),
EOM timer = 0x5
(Reg_0x2A[7:4]=0x5).
< 100
ms
tlock
CDR lock acquisition time
Measured at 10.3125 Gbps, Adapt
Mode = 1 (Reg_0x31[6:5]=0x1),
EOM timer = 0x5
(Reg_0x2A[7:4]=0x5).
< 100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com