Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 25Page - Texas Instruments DS280DF810ABVT Datasheet HTML 26Page - Texas Instruments DS280DF810ABVT Datasheet HTML 27Page - Texas Instruments DS280DF810ABVT Datasheet HTML 28Page - Texas Instruments DS280DF810ABVT Datasheet HTML 29Page - Texas Instruments DS280DF810ABVT Datasheet HTML 30Page - Texas Instruments DS280DF810ABVT Datasheet HTML 31Page - Texas Instruments DS280DF810ABVT Datasheet HTML 32Page - Texas Instruments DS280DF810ABVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
29
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Supported Data Rates
The DS280DF810 supports a wide range of input data rates, including divide-by-2 and divide-by-4 sub-rates. The
supported data rates are listed in Table 5. Refer to the DS280DF810 Programming Guide for information on
configuring the DS280DF810 for different data rates.
Table 5. Supported Data Rates
DATA RATE RANGE
DIVIDER
CDR MODE
COMMENT
MIN
MAX
≥ 20.2 Gbps
≤ 28.4 Gbps
1
Enabled
≥ 10.1 Gbps
≤ 14.2 Gbps
2
Enabled
> 7.1 Gbps
< 10.1 Gbps
N/A
Disabled
Output jitter will be higher
with CDR disabled.
≥ 5.05 Gbps
≤ 7.1 Gbps
4
Enabled
≥ 1.25 Gbps
< 5.05 Gbps
N/A
Disabled
Output jitter will be higher
with CDR disabled.
8.4.2 SMBus Master Mode
SMBus master mode allows the DS280DF810 to program itself by reading directly from an external EEPROM.
When using the SMBus master mode, the DS280DF810 will read directly from specific location in the external
EEPROM. When designing a system for using the external EEPROM, the user needs to follow these specific
guidelines:
•
Maximum EEPROM size is 2048 Bytes
•
Minimum EEPROM size for a single DS280DF810 with individual channel configuration is 595 Bytes (3 base
header bytes + 12 address map bytes + 8 x 72 channel register bytes + 2x2 share register bytes; bytes are
defined to be 8-bits)
•
Set ENSMB = Float, for SMBus master mode
•
The external EEPROM device address byte must be 0xA0
•
The external EEPROM device must support 400 kHz operation at 2.5 V or 3.3 V supply
•
Set the SMBus address of the DS280DF810 by configuring the ADDR0 and ADDR1 pins
When loading multiple DS280DF810 devices from the same EEPROM, use these guidelines to configure the
devices:
•
Configure the SMBus addresses for each DS280DF810 to be sequential. The first device in the sequence
must have an address of 0x30
•
Daisy chain READ_EN_N and ALL_DONE_N from one device to the next device in the sequence so that they
do not compete for the EEPROM at the same time.
•
If all of the DS280DF810 devices share the same EEPROM channel and share register settings, configure
the common channel bit in the base header to 1. With common channel configuration enabled, each
DS280DF810 device will configure all 8 channels with the same settings.
When loading a single DS280DF810 from an EEPROM, use these guidelines to configure the device:
•
Set the common channel bit to 0 to allow for individual channel configuration, or set the common channel bit
to 1 to load the same configuration settings to all channels.
•
When configuring individual channels, a 1024 Byte or 2048 Byte EEPROM must be used.
•
If there are more than three DS280DF810 devices on a PCB that require individual channel configuration,
then each device must have its own EEPROM.
8.4.3 Device SMBus Address
The DS280DF810’s SMBus slave address is strapped at power up using the ADDR[1:0] pins. The pin state is
read on power up, after the internal power-on reset signal is de-asserted. The ADDR[1:0] pins are four-level
LVCMOS IOs, which provides for 16 unique SMBus addresses. The four levels are achieved by pin strap options
as follows:
•
0: 1 k
Ω to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com