Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 39 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 35Page - Texas Instruments DS280DF810ABVT Datasheet HTML 36Page - Texas Instruments DS280DF810ABVT Datasheet HTML 37Page - Texas Instruments DS280DF810ABVT Datasheet HTML 38Page - Texas Instruments DS280DF810ABVT Datasheet HTML 39Page - Texas Instruments DS280DF810ABVT Datasheet HTML 40Page - Texas Instruments DS280DF810ABVT Datasheet HTML 41Page - Texas Instruments DS280DF810ABVT Datasheet HTML 42Page - Texas Instruments DS280DF810ABVT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
39
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
9.2.2.1 Design Requirements
For this design example, the following guidelines outlined in Table 9 apply.
Table 9. Front-Port Application Design Guidelines
DESIGN PARAMETER
REQUIREMENT
AC coupling capacitors
Not required. AC coupling capacitors are included in the device
package.
Input channel insertion loss
≤ 35 dB at 25.78125 Gbps Nyquist frequency.
≤ 30 dB at 28 Gbps Nyquist frequency.
Output channel insertion loss
Egress (ASIC-to-module) direction: Follow CAUI-4 / CEI-25G-VSR
host channel requirements (approximately 7 dB at 12.9 GHz).
Ingress (module-to-ASIC) direction: Depends on downstream ASIC
and FPGA capabilities. The DS280DF810 has a low-jitter output
driver with 3-tap FIR filter for equalizing a portion of the output
channel.
Host ASIC TX launch amplitude
800 mVppd to 1200 mVppd
Hos ASIC TX FIR filter
Depends on channel loss. Refer to Setting the Output VOD, Pre-
Cursor, and Post-Cursor Equalization.
9.2.2.2 Detailed Design Procedure
The design procedure for front-port applications is as follows:
1. Determine the total number of channels on the board which require a DS280DF810 for signal conditioning.
This will dictate the total number of DS280DF810 devices required for the board. It is generally
recommended that channels with similar total insertion loss on the board be grouped together in the same
DS280DF810 device. This will simplify the device settings, as similar loss channels generally utilize similar
settings.
2. Determine the maximum current draw required for all DS280DF810 retimers. This may impact the selection
of the regulator for the 2.5 V supply rail. To calculate the maximum current draw, multiply the maximum
transient power supply current by the total number of DS280DF810 devices.
3. Determine the maximum operational power consumption for the purpose of thermal analysis. There are two
ways to approach this calculation:
a. Maximum mission-mode operational power consumption is when all channels are locked and
retransmitting the data which is received. PRBS pattern checkers and generators are not used in this
mode since normal traffic cannot be checked with a PRBS checker. For this calculation, multiply the
worst-case power consumption in mission mode by the total number of DS280DF810 devices.
b. Maximum debug-mode operational power consumption is when all channels are locked and
retransmitting the data which is received. At the same time, some channels’ PRBS checkers or
generators may be enabled. For this calculation, multiply the worst-case power consumption in debug
mode by the total number of DS280DF810 devices.
4. Determine the SMBus address scheme needed to uniquely address each DS280DF810 device on the board.
Each DS280DF810 can be strapped with one of 16 unique SMBus addresses. If there are more
DS280DF810 devices on the board than the number of unique SMBus addresses which can be assigned,
then use an I2C expander like the TCA/PCA family of I2C/SMBus switches and multiplexers to split up the
SMBus into multiple busses.
5. Determine if the device will be configured from EEPROM (SMBus Master Mode) or from the system I2C bus
(SMBus Slave Mode).
a. If SMBus Master Mode will be used, provisions should be made for an EEPROM on the board with 8-bit
SMBus address 0xA0.
b. If SMBus Slave Mode will be used for all device configurations, an EEPROM is not needed.
6. Make provisions in the schematic and layout for standard decoupling capacitors between the device VDD
supply and GND. Refer to the pin function description in Pin Configuration and Functions for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com