Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 4Page - Texas Instruments DS280DF810ABVT Datasheet HTML 5Page - Texas Instruments DS280DF810ABVT Datasheet HTML 6Page - Texas Instruments DS280DF810ABVT Datasheet HTML 7Page - Texas Instruments DS280DF810ABVT Datasheet HTML 8Page - Texas Instruments DS280DF810ABVT Datasheet HTML 9Page - Texas Instruments DS280DF810ABVT Datasheet HTML 10Page - Texas Instruments DS280DF810ABVT Datasheet HTML 11Page - Texas Instruments DS280DF810ABVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
8
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
(1)
Steps must be taken to ensure the combined AC plus DC supply noise meets the specified VDD supply voltage limits.
(2)
Steps must be taken to ensure the operating junction temperature range and ambient temperature stay-in-lock range (TEMPLOCK+,
TEMPLOCK-) are met. Refer to Timing Requirements, Retimer Jitter Specifications for more details concerning TEMPLOCK+ and
TEMPLOCK-.
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
VDD
Supply voltage, VDD to GND. DC plus AC power should not exceed these limits.
2.375
2.625
V
NVDD
Supply noise, DC to < 50 Hz, sinusoidal(1)
250
mVpp
NVDD
Supply noise, 50 Hz to 10 MHz, sinusoidal(1)
20
mVpp
NVDD
Supply noise, >10 MHz, sinusoidal(1)
10
mVpp
TrampVDD
VDD supply ramp time, from 0 V to 2.375 V
150
μs
TJ
Operating junction temperature
-40
110
ºC
TA
Operating ambient temperature
-40
85(2)
ºC
VIO2.5V
2.5 V I/O voltage (LVCMOS, CMOS and Analog)
2.375
2.625
V
VIO3.3V,INT_N
Open Drain LVCMOS I/O voltage (INT_N)
3.6
V
VIO3.3V
Open Drain LVCMOS I/O voltage (SDA, SDC)
2.375
3.6
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
No heat sink or airflow was assumed for these estimations. Depending on the application, a heat sink, faster airflow, or reduced ambient
temperature (<85 C) may be required in order to meet the maximum junction temperature specification per the Recommended
Operating Conditions.
7.4 Thermal Information
THERMAL METRIC(1)
CONDITIONS/ASSUMPTIONS(2)
DS280DF810
UNIT
FC/CSP (ABV)
135 PINS
RθJA
Junction-to-ambient thermal resistance
4-Layer JEDEC Board
26.4
°C/W
10-Layer 8-in x 6-in Board
9.3
20-Layer 8-in x 6-in Board
8.5
30-Layer 8-in x 6-in Board
8.2
RθJC(top)
Junction-to-case (top) thermal resistance
4-Layer JEDEC Board
1.6
°C/W
RθJB
Junction-to-board thermal resistance
4-Layer JEDEC Board
9.3
°C/W
ΨJT
Junction-to-top characterization parameter
4-Layer JEDEC Board
0.1
°C/W
10-Layer 8-in x 6-in Board
0.1
20-Layer 8-in x 6-in Board
0.1
30-Layer 8-in x 6-in Board
0.1
ΨJB
Junction-to-board characterization parameter
4-Layer JEDEC Board
9.3
°C/W
10-Layer 8-in x 6-in Board
5.0
20-Layer 8-in x 6-in Board
4.9
30-Layer 8-in x 6-in Board
4.6
7.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rbaud
Input data rate
Full-rate
20.2
28.4
Gbps
Half-rate
10.1
14.2
Gbps
Quarter-rate
5.05
7.1
Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com