Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 27Page - Texas Instruments DS280DF810ABVT Datasheet HTML 28Page - Texas Instruments DS280DF810ABVT Datasheet HTML 29Page - Texas Instruments DS280DF810ABVT Datasheet HTML 30Page - Texas Instruments DS280DF810ABVT Datasheet HTML 31Page - Texas Instruments DS280DF810ABVT Datasheet HTML 32Page - Texas Instruments DS280DF810ABVT Datasheet HTML 33Page - Texas Instruments DS280DF810ABVT Datasheet HTML 34Page - Texas Instruments DS280DF810ABVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
31
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Programming (continued)
•
Channel selection and share enabling – Registers 0xFC and 0xFF
•
Device and version information – Registers 0xEF-0xF3
•
Reserved or unused registers – all other addresses
Register 0xFF[5:4] selects the share registers of either Quad 0 (channels 0-3) or Quad 1 (channels 4-7).
Register 0xFC is used to select the channel registers to be written to. To select a channel, write a 1 to its
corresponding bit in register 0xFC. Note that more than one channel may be written to by setting multiple bits in
register 0xFC. However, when performing an SMBus read transaction only one channel can be selected at a
time. If multiple channels are selected when attempting to perform an SMBus read, the device will return 0xFF.
Register 0xFF bit 1 can be used to perform broadcast register writes to all channels. A single channel read-
modify broadcast write type commands can be accomplished by setting register 0xFF to 0x03 and selecting a
single channel in register 0xFC. This type of configuration allows for the reading of a single channel's register
information and then writing to all channels with the modified value. Register 0xFF bit 0 is used to select the
shared register page or the channel register page for the channels selected in register 0xFC.
TI repeaters and retimers have a vendor ID register (0xFE) which will always read back 0x03. In addition, there
are three device ID registers (0xF0, 0xF1, and 0xF3). These are useful to verify that there is a good SMBus
connection between the SMBus master and the DS280DF810.
8.6 Register Maps
Refer to the DS280DF810 Programming Guide (SNLU182) for the complete register map and example
programming sequences.
The DS280DF810 has a vendor ID register (0xFE), which will always read back 0x03. In addition, there are four
device ID registers (0xEF, 0xF0, 0xF1, and 0xF3). Reading these five registers and confirming the expected
value is a good way to verify SMBus communications between the SMBus Master and the DS280DF810. In
addition, writing a value to channel select Reg_0xFC and confirming the correct value is read back is a good way
to verify SMBus write communications with the DS280DF810.
Table 7. Device and Vendor ID Registers
Global Register
Description
0xEF
TI device ID (Quad count).
DS280DF810: 0x0C
0xF0
TI version ID.
DS280DF810: 0x31
0xF1
TI device ID.
DS280DF810: 0x13
0xF3
TI channel and share version ID. Contains 0x00.
0xFE
TI vendor ID. Contains 0x03.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com