Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 20Page - Texas Instruments DS280DF810ABVT Datasheet HTML 21Page - Texas Instruments DS280DF810ABVT Datasheet HTML 22Page - Texas Instruments DS280DF810ABVT Datasheet HTML 23Page - Texas Instruments DS280DF810ABVT Datasheet HTML 24Page - Texas Instruments DS280DF810ABVT Datasheet HTML 25Page - Texas Instruments DS280DF810ABVT Datasheet HTML 26Page - Texas Instruments DS280DF810ABVT Datasheet HTML 27Page - Texas Instruments DS280DF810ABVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
24
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Table 2. Typical VOD and FIR Values (continued)
FIR SETTINGS
PEAK-TO PEAK
VOD(V)
RPRE(dB)
RPST(dB)
PRE-CURSOR:
REG_0x3E[6:0]
MAIN-CURSOR:
REG_0x3D[6:0]
POST-CURSOR:
REG_0x3F[6:0]
0
21
-6
1.165
NA
3.3
0
20
-7
1.165
NA
3.9
0
19
-8
1.165
NA
4.7
0
18
-9
1.165
NA
5.7
0
17
-10
1.165
NA
6.9
0
16
-11
1.165
NA
8.4
0
15
-12
1.165
NA
10.1
-1
26
0
1.165
0.7
NA
-2
25
0
1.165
1.2
NA
-3
24
0
1.165
1.5
NA
-4
23
0
1.165
2.0
NA
-5
22
0
1.165
2.6
NA
-6
21
0
1.165
3.2
NA
-7
20
0
1.165
4.0
NA
The recommended pre-cursor and post-cursor settings for a given channel will depend on the channel
characteristics (mainly insertion loss) as well as the equalization capabilities of the downstream receiver. The
DS280DF810 receiver, with its highly-capable CTLE and DFE, does not require a significant amount of pre-
cursor or post-cursor. The figures below give general recommendations for pre- and post-cursor for different
channel loss conditions. The insertion loss (IL) in these plots refers to the total loss between the link partner
transmitter and the DS280DF810 receiver.
Figure 11. Guideline for Link partner FIR Settings When IL
≤ 15 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com