Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 17Page - Texas Instruments DS280DF810ABVT Datasheet HTML 18Page - Texas Instruments DS280DF810ABVT Datasheet HTML 19Page - Texas Instruments DS280DF810ABVT Datasheet HTML 20Page - Texas Instruments DS280DF810ABVT Datasheet HTML 21Page - Texas Instruments DS280DF810ABVT Datasheet HTML 22Page - Texas Instruments DS280DF810ABVT Datasheet HTML 23Page - Texas Instruments DS280DF810ABVT Datasheet HTML 24Page - Texas Instruments DS280DF810ABVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Differential
Voltage
Time [UI]
v1
v2
v3
v4
v5
v6
v7
v8
0 V
Transmitted
Bits: 0
0
1
1
1
1
0
0
0
0
1
0
1
x
1 UI
Delay
1 UI
Delay
x
x
C[-1]
Pre-cursor
C[0]
Main-curosr
C[+1]
Post-cursor
+
+
Retimed
Data
FIR filter
output
21
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Figure 7. FIR filter functional model
When utilizing the FIR filter, it is important to abide by the following general rules:
•
|C[-1]| + |C[0]| + |C[+1]|
≤ 31; the FIR tap coefficients absolute sum must be less or equal to 31).
•
sgn(C[-1]) = sgn(C[+1])
≠ sgn(C[0]), for high-pass filter effect; the sign for the pre-cursor or post-cursor tap
must be different from main-cursor tap to realize boost effect.
•
sgn(C[-1]) = sgn(C[+1]) = sgn(C[0]), for low-pass filter effect; the sign for the pre-cursor or post-cursor tap
must be equal to the main-cursor tap to realize attenuation effect.
The FIR filter is used to pre-distort the transmitted waveform in order to compensate for frequency-dependant
loss in the output channel. The most common way of pre-distorting the signal is to accentuate the transitions and
de-emphasize the non-transitions. The bit before a transition is accentuated via the pre-cursor tap, and the bit
after the transition is accentuated via the post-cursor tap. The figures below give a conceptual illustration of how
the FIR filter affects the output waveform. The following characteristics can be derived from the example
waveforms.
•
VODpk-pk=v7 - v8
•
VODlow-frequency = v2 - v5
•
RpredB = 20 * log10 (v3 ⁄v2 )
•
RpstdB = 20 * log10 (v1 ⁄v2 )
Figure 8. Conceptual FIR Waveform With Post-Cursor Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com