Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 2Page - STMicroelectronics TS472 Datasheet HTML 3Page - STMicroelectronics TS472 Datasheet HTML 4Page - STMicroelectronics TS472 Datasheet HTML 5Page - STMicroelectronics TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics TS472 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical Characteristics
TS472
6/20
Table 9.
Index of graphics
Description
Figure
Page
Current consumption vs. power supply voltage
Figure 2 to 3
page 7
Standby threshold voltage vs. power supply voltage
Figure 4
page 7
Frequency response
Figure 5
page 7
Bias output voltage vs. bias output current
Figure 6
page 7
Bias output voltage vs. power supply voltage
Figure 7
page 7
Bias PSRR vs. frequency
Figure 8 to 9
page 8
Differential output PSRR vs. frequency
Figure 10 to 11
page 8
Differential output PSRR vs. frequency
Figure 12 to 13
page 8
Single-ended output PSRR vs. frequency
Figure 14
page 9
Equivalent input noise voltage density
Figure 15
page 9
D gain vs. power supply voltage
Figure 16
page 9
Dgain vs. ambient temperature
Figure 17
page 9
Maximum input voltage vs. gain, THD+N<1%
Figure 18 to 19
page 9
THD+N vs. input voltage
Figure 20 to 25
page 10
THD+N vs. frequency
Figure 26 to 27
page 11
Transient response
Figure 28 to 29
page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com