Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics TS472 Datasheet HTML 18Page - STMicroelectronics TS472 Datasheet HTML 19Page - STMicroelectronics TS472 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TS472
Application Information
17/20
Figure 40. Demoboard schematic
VCC
1uF
C3
2
1 R5
68
2
1 R4
1k
2
1 R3
4.7k
2
1 R2
27k
2
1 R1
470k
VCC
1uF
C7
100nF
C6
1
2
100pF
C1
1
2
100pF
C2
1
2
100nF
C4
1
2
100nF
C5
0dB
10dB
20dB
30dB
40dB
20dB
Min
Max
Rgs
R6
R7
1
2
3
4
P1
INPUT
1
2
3
4
P2
OUTPUT
POS. INPUT
NEG. INPUT
NEG. OUTPUT
POS. OUTPUT
1
2
100nF
C8
1
2
100nF
C9
Jumper J2
R8
100k
R9
100k
1uF
C10
1
2
P5
Vcc
1
2
3
P6
StandBy
Jumper J1
P11 Vbias
1
2
P10
Vx
R10
C11
R11
Jumper J4
Bias
Bias
Bias
1
2
3
4
5
6
7
8
P8
Gain Select
1
2
3
4
5
6
7
8
9
10
P9
Rgs
Jumper J3
Bias
IN-
IN+
Gain
OUT+
OUT-
GAIN
BYPASS
BIAS
Vcc
SELECT
13
12
5
10
4
8
6
TS472_FC_Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com