Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics TS472 Datasheet HTML 10Page - STMicroelectronics TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical Characteristics
TS472
10/20
Figure 20. THD+N vs. input voltage
Figure 21. THD+N vs. input voltage
Figure 22. THD+N vs. input voltage
Figure 23. THD+N vs. input voltage
Figure 24. THD+N vs. input voltage
Figure 25. THD+N vs. input voltage
1E-3
0.01
0.1
0.01
0.1
1
10
Gain=20dB
Maximum Gain
Tamb=25°C, Vcc=3V, F=100Hz,
Cb=1
µF, RL=10kΩ, BW=100Hz-120kHz
Input Voltage
(V
RMS
)
0.3
Minimum Gain
1E-3
0.01
0.1
0.01
0.1
1
10
Maximum Gain
Minimum Gain
Gain=20dB
Tamb=25°C, Vcc=5V, F=100Hz,
Cb=1
µF, RL=10kΩ, BW=100Hz-120kHz
Input Voltage
(V
RMS
)
0.3
1E-3
0.01
0.1
0.01
0.1
1
10
Maximum Gain
Gain=20dB
Tamb=25°C, Vcc=3V, F=1kHz,
Cb=1
µF, RL=10kΩ, BW=100Hz-120kHz
Input Voltage
(V
RMS
)
0.3
Minimum Gain
1E-3
0.01
0.1
0.01
0.1
1
10
Maximum Gain
Gain=20dB
Minimum Gain
Tamb=25°C, Vcc=5V, F=1kHz,
Cb=1
µF, RL=10kΩ, BW=100Hz-120kHz
Input Voltage
(V
RMS
)
0.3
1E-3
0.01
0.1
0.01
0.1
1
10
Maximum Gain
Gain=20dB
T
AMB
=25°C, V
CC
=3V, F=20kHz,
Cb=1
µF, RL=10kΩ, BW=100Hz-120kHz
Input Voltage
(V
RMS
)
0.3
Minimum Gain
1E-3
0.01
0.1
0.01
0.1
1
10
Minimum Gain
Gain=20dB
Maximum Gain
Tamb=25°C, Vcc=5V, F=20kHz,
Cb=1
µF, RL=10kΩ, BW=100Hz-120kHz
Input Voltage
(V
RMS
)
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com