Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 2 Page - STMicroelectronics

  TS472 Datasheet HTML 1Page - STMicroelectronics TS472 Datasheet HTML 2Page - STMicroelectronics TS472 Datasheet HTML 3Page - STMicroelectronics TS472 Datasheet HTML 4Page - STMicroelectronics TS472 Datasheet HTML 5Page - STMicroelectronics TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Typical Application Schematic
TS472
2/20
1
Typical Application Schematic
Figure 1 shows a typical application schematic for the TS472 with gain = 20dB. To change the
gain see
Chapter 4.5: Gain settings on page 14.
Table 1.
External component descriptions
Figure 1.
Application schematic
Components
Functional Description
Cin+, Cin-
Input coupling capacitors which blocks the DC voltage at the amplifier input terminal
and determine
Lower cut-off frequency.
Cout+, Cout-
Output coupling capacitors which blocks the DC voltage coming from the amplifier
output terminal (pins C2 and D2) and determine
Lower cut-off frequency.
Rout+, Rout-
Output load resistors which allow to charged the output coupling capacitors Cout.
These output resistors can be represented by an input impedance of a following
stage.
Rpos, Rneg
Microphone biasing resistors
Cs
Supply Bypass capacitor which provides power supply filtering.
Cb
Bypass pin capacitor which provides half supply filtering.
C1, C2
Low pass filter capacitors which can determine
Higher cut-off frequency.
C3
Bias output capacitor which keeps voltage stabilized and provides 2.0V bias filtering.
VCC
Electret Mic
Rpos
Rneg
Standby Control
Positive Output
Negative Output
1uF
Cb
1uF
Cs
1uF
C3
C1
C2
Cin+
Cin-
+
Cout+
Cout-
Rout+
Rout-
Bias
IN-
IN+
G
OUT+
OUT-
GAIN
BYPASS
BIAS
Vcc
SELECT
C2
D2
B2
D1
A2
B1
A1
2.0V
U1
TS472
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com