Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics TS472 Datasheet HTML 18Page - STMicroelectronics TS472 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TS472
Application Information
15/20
2.
To 20dB by applying
VGS > 1VDC on Gain Select (GS) pin. This setting can help to reduce
a number of external components in an application, because 2.0 VDC is provided by
TS472 itself on BIAS pin.
Following
Figure 26 gives other values of the gain vs. voltage applied on GS pin
4.6
Wake-up time
When the standby is released to put the device ON, a signal appears on the output a few
microseconds later, and the bypass capacitor Cb is charged in a few milliseconds. As Cb is
directly linked to the bias of the amplifier, the bias will not work properly until the Cb voltage is
correct.
In the typical application, when a biased microphone is connected to the differential input via
the input capacitors (Cin), (and the output signal is in line with the specification), the wake-up
time will depend upon the values of the input capacitors Cin and the gain. When gain is lower
than 0dB, the wake-up time is determined only by the bypass capacitor Cb, as described
above. For a gain>0dB, see
Figure 36
Figure 35. Gain vs. gain select voltage
Figure 36. Wake-up time in the typical application vs. input capacitors
0
0.2
0.4
0.6
0.8
4
5
-80
-60
-40
-20
0
20
40
Tamb=25
°C
V
GS
(V)
20
40
60
80
100
0
10
20
30
40
50
60
Gain=20dB
Tamb = 25°C
Vcc=3V
Cb=1
µF
Input capacitors C
IN
(nF)
Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com