Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 1 Page - STMicroelectronics

  TS472 Datasheet HTML 1Page - STMicroelectronics TS472 Datasheet HTML 2Page - STMicroelectronics TS472 Datasheet HTML 3Page - STMicroelectronics TS472 Datasheet HTML 4Page - STMicroelectronics TS472 Datasheet HTML 5Page - STMicroelectronics TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev 2
October 2005
1/20
20
TS472
Very Low Noise Microphone Preamplifier
with 2V Biased Output and Active Low Standby Mode
Low noise: 10nV/
√Hz typ. equivalent input
noise @ F = 1kHz
Fully differential input/output
2.2V to 5.5V single supply operation
Low power consumption @20dB: 1.8mA
Fast start up time @ 0dB: 5ms typ.
Low distortion: 0.1% typ.
40kHz bandwidth @ -3dB and adjustable
Active low standby mode function (1
µA max)
Low noise 2.0V microphone bias output
Available in flip-chip lead-free package
ESD protection (2kV)
Description
The TS472 is a differential-input microphone
preamplifier optimized for high-performance, PDA
and notebook audio systems.
This device features an adjustable gain from 0dB
to
40dB
with
excellent
power-supply
and
common-mode rejection ratios. In addition, the
TS472 has a very low-noise microphone bias
generator of 2V.
It also includes a complete shutdown function,
with active low standby mode.
Applications
Video and photo cameras with sound input
Sound acquisition & voice recognition
Video conference systems
Notebook computers and PDAs
Order Codes
IN+
IN-
GND
OUT+
C2
C1
OUTPUT
BIAS
GS
VCC
OUT-
STDBY
BYPASS
Flip-chip - 12 bumps
Pin Connections (top view)
Part Number
Temperature Range
Package
Packing
Marking
TS472EIJT
-40, +85°C
Flip-Chip
Tape & Reel
472
www.st.com


Similar Part No. - TS472

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS472 STMICROELECTRONICS-TS472 Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
TS472 STMICROELECTRONICS-TS472 Datasheet
692Kb / 25P
Very low noise microphone preamplifier with 2.0 V bias output and active low standby mode
25-Aug-2009
TS472EIJT STMICROELECTRONICS-TS472EIJT Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
TS472EIJT STMICROELECTRONICS-TS472EIJT Datasheet
692Kb / 25P
Very low noise microphone preamplifier with 2.0 V bias output and active low standby mode
25-Aug-2009
TS472IQT STMICROELECTRONICS-TS472IQT Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
More results

Similar Description - TS472

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
logo
List of Unclassifed Man...
THAT1510 ETC-THAT1510 Datasheet
129Kb / 6P
Low Noise, High Performance Microphone Preamplifier IC
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
DUAL VERY LOW NOISE PREAMPLIFIER
Jun-1988
logo
Analog Devices
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
logo
STMicroelectronics
TS472 STMICROELECTRONICS-TS472_06 Datasheet
624Kb / 24P
Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
12-Sep-2006
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
Low noise balanced input microphone preamplifier
logo
Analog Devices
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
low noise microphone preamplifier with 2 V bias
26-Aug-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com