Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics TS472 Datasheet HTML 18Page - STMicroelectronics TS472 Datasheet HTML 19Page - STMicroelectronics TS472 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package Mechanical Data
TS472
18/20
5
Package Mechanical Data
Figure 41. TS472 footprint recommendation
Figure 42. Pin-out (top view)
Figure 43. Marking (top view)
PadinCu18
µmwithFlashNiAu(2-6µm, 0.2µmmax.)
150
µmmin.
500
µm
500
µm
Φ=250µm
Φ=400µmtyp.
75µmmin.
100
µmmax.
Track
NonSolder maskopening
Φ=340µmmin.
PadinCu18
µmwithFlashNiAu(2-6µm, 0.2µmmax.)
150
µmmin.
500
µm
500
µm
Φ=250µm
Φ=400µmtyp.
75µmmin.
100
µmmax.
Track
NonSolder maskopening
Φ=340µmmin.
A
C
B
1
2
3
D
IN+
IN-
GND
OUT+
C2
C1
OUTPUT
BIAS
GS
VCC
OUT-
STDBY
BYPASS
A
C
B
1
2
3
D
IN+
IN-
GND
OUT+
C2
C1
OUTPUT
BIAS
GS
VCC
OUT-
STDBY
STDBY
BYPASS
n Balls are underneath
472
YW W
E
472
YW W
E
■
ST Logo
■
Part number: 472
■
E Lead free Bumps
■
Three digits Datecode: YWW
■
The dot is for marking pin A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com