Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS472 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics TS472 Datasheet HTML 10Page - STMicroelectronics TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TS472
Electrical Characteristics
11/20
Figure 26. THD+N vs. frequency
Figure 27. THD+N vs. frequency
Figure 28. Transient response
Figure 29. Transient response
100
1000
10000
0.01
0.1
1
10
Gain=20dB, Vin=50mV
RMS
Minimum Gain, Vin=100mV
RMS
Maximum Gain, Vin=15mV
RMS
Tamb=25°C, Vcc=3V, RL=10k
Ω
Cb=1
µF, BW=100Hz-120kHz
20k
50
Frequency (Hz)
100
1000
10000
0.01
0.1
1
10
Gain=20dB, Vin=50mV
RMS
Minimum Gain, Vin=100mV
RMS
Maximum Gain, Vin=15mV
RMS
Tamb=25
°C, Vcc=5V, RL=10kΩ
Cb=1
µF, BW=100Hz-120kHz
20k
50
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com